Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD5366C Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD5366C
Description  5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5366C Datasheet(HTML) 2 Page - Silicon Supplies

  CD5366C Datasheet HTML 1Page - Silicon Supplies CD5366C Datasheet HTML 2Page - Silicon Supplies CD5366C Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
Rev 1.0
04/02/25
5W Zener Diode - CD5338C to CD5379C
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
5
W
Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 1A
VF
0.87
V
Electrical Characteristics T
A = 25°C unless otherwise stated
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE LEAKAGE CURRENT
DYNAMIC RESISTANCE
IR1 @ VR1
IR1 @ VR2
ZZ @ IZT1
ZZK @ IZT2
VZ @ IZT1
IZT1
IZT2
TA = 25°C
f = 1 kHz
V
IR1
VR1
IR2
VR2
Ω
µA
µA
DEVICE
Min.
Nom.
Max.
mA
Max.
V
Max.
V
Max.
Max.
CD5338C
5.001
5.1
5.199
240
1
5
1
5
1
2
400
CD5339C
5.491
5.6
5.709
220
1
5
2
5
2
1
400
CD5340C
5.883
6.0
6.117
200
1
5
3
5
3
1
300
CD5341C
6.079
6.2
6.321
200
1
5
3
5
3
1
200
CD5342C
6.667
6.8
6.933
175
1
5
5.2
5
5.2
1
200
CD5343C
7.354
7.5
7.646
175
1
5
5.7
5
5.7
1
200
CD5344C
8.040
8.2
8.360
150
1
5
6.2
5
6.2
2
200
CD5345C
8.530
8.7
8.870
150
1
5
6.6
5
6.6
2
200
CD5346C
8.923
9.1
9.277
150
1
0.1
6.9
0.1
6.9
2
150
CD5347C
9.81
10
10.19
125
1
0.1
8
0.1
8
2
125
CD5348C
10.79
11
11.21
125
1
0.1
8.4
0.5
9.4
2.5
125
CD5349C
11.77
12
12.23
100
1
0.1
9.1
0.5
10.3
3
125
CD5350C
12.75
13
13.25
100
1
0.1
9.9
0.5
11.1
3
100
CD5351C
13.73
14
14.27
100
1
0.1
10.6
1.2
12
3
75
CD5352C
14.71
15
15.29
75
1
0.1
11.5
1
12.8
3
75
CD5353C
15.69
16
16.31
75
1
0.1
12.2
0.1
13.7
3
75
CD5354C
16.67
17
17.33
70
1
0.1
12.9
0.5
14.5
3
75
CD5355C
17.65
18
18.35
65
1
0.1
13.7
0.5
15.4
3
75
CD5356C
18.63
19
19.37
65
1
0.1
14.4
0.1
16.2
3
75
CD5357C
19.61
20
20.39
65
1
0.1
15.2
0.5
17.1
3
75
CD5358C
21.57
22
22.43
50
1
0.1
16.7
0.5
18.8
4
75
CD5359C
23.53
24
24.47
50
1
0.1
18.2
0.5
20.5
4
100
CD5360C
24.51
25
25.49
50
1
0.1
19
0.5
21.4
4
110
CD5361C
26.47
27
27.53
50
1
0.1
20.6
0.5
23.1
5
120
CD5362C
27.45
28
28.55
50
1
0.1
21.2
1
23.9
6
130
CD5363C
29.42
30
30.58
40
1
0.1
22.8
0.5
25.7
8
140
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com