| Electronic Components Datasheet Search |
|
PPC440SPE-RNB533C Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB533C Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation |
|
77 / 80 page ![]() PowerPC 440SPe Embedded Processor Revision 1.23 - Sept 21, 2006 AMCC Proprietary 77 Preliminary Data Sheet Initialization The PPC440SPe provides the option for setting initial parameters based on default values or by reading them from a serial “bootstrap” ROM attached to the IIC0 bus. These options are defined by strapping on three external pins (see “Strapping” below). Strapping While the SysReset input pin is low (system reset), the state of certain I/O pins is read to enable certain default initial conditions prior to PPC440SPe start-up. The actual capture instant is the nearest SysClk edge before the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0) resistors to select the desired default conditions. They are used for strap functions only during reset. Following reset they are used for normal functions. The following table lists the strapping pins along with their functions and strapping options: Serial Bootstrap ROM During reset, if the serial device is enabled, initial conditions can be read from a ROM connected to the IIC0 port. In this case, at the de-assertion of SysReset, the PPC440SPe sequentially reads up to 32 bytes from the ROM device on the IIC0 port and sets the SDR0_SDSTP0 - SDR0_SDSTP7 registers accordingly. The initialization settings and their default values are covered in detail in the PPC440SPe Embedded Processor User’s Manual. Table 21. Strapping Pin Assignments Function Option Pin Strapping Bit 0 H13 (UART0_DCD) Bit 1 C12 (UART0_DSR) Bit2 B08 (UART0_CTS) Serial Bootstrap ROM is disabled (Bit 0 off). Refer to the IIC Bootstrap Controller chapter in the PPC440SPe Embedded Processor User’s Manual for details. Boot from EBC 0 0 Boot from PCI 0 1 Serial Bootstrap ROM is enabled (Bit 0 on). The options being selected are the IIC0 slave address that responds with strapping data and reading 128 bits from the Bootstrap ROM. 0x54 1 0 0 0x50 1 1 0 Serial Bootstrap ROM is enabled (Bit 0 on). The options being selected are the IIC0 slave address that responds with strapping data and reading 256 bits from the Bootstrap ROM. 0x54 1 0 1 0x50 1 1 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |