| Electronic Components Datasheet Search |
|
PPC440SPE-RNB533C Datasheet(PDF) 15 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB533C Datasheet(HTML) 15 Page - Applied Micro Circuits Corporation |
|
15 / 80 page ![]() PowerPC 440SPe Embedded Processor Revision 1.23 - Sept 21, 2006 AMCC Proprietary 15 Preliminary Data Sheet General Purpose Timers (GPT) Provides a time base counter and system timers additional to those defined in the processor core. • 32-bit time base counter driven by the OPB bus clock • Seven 32-bit compare timers General Purpose IO (GPIO) Controller • Controller functions and GPIO registers are programmed and accessed by means of memory-mapped OPB bus master accesses. • The 32 GPIOs are pin-shared with other functions. DCRs control whether a particular pin that has GPIO capabilities acts as a GPIO or is used for another purpose. • Each GPIO output is a separately programmable tri-state driver (pull-up, pull-down, or open-drain). Universal Interrupt Controller (UIC) Four cascaded Universal Interrupt Controllers (UIC) process internal on-chip and external processor interrupts. Note: Processor specific interrupts (for example, page faults) do not use UIC resources. Features include: • 16 external interrupts • 101 internal interrupts • Edge-triggered or level-sensitive • Positive- or negative-active • Non-critical or critical interrupt to the on-chip processor core • Programmable interrupt priority ordering • Programmable critical interrupt vector for faster vector processing JTAG Features include: • IEEE 1149.1 Test Access Port • IBM RISCWatch Debugger support • JTAG Boundary Scan Description Language (BSDL) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |