Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G696L263TOUF Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G696L263TOUF
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696L263TOUF Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

Back Button G696L263TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 10Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G696/G697
Global Mixed-mode Technology Inc.
Timing Diagram
Figure 1
Functional Diagram
Figure 2
V
CC
V TH+
V TH-
V
CC
V
CC
V
CC
V TH-
V TH-
0V
0V
tD2
V
CC , P in 2
C D, P in 5
0.67 5 V
IN
Re s e t O u tp u t
(A c tiv e Lo w ), P in 1
Re s e t O u tp u t
(A c tiv e H igh ), P in 1
V
CC
V TH+
V TH-
V
CC
V
CC
V
CC
V TH-
V TH-
0V
0V
tD2
V
CC , P in 2
C D, P in 5
0.67 5 V
IN
Re s e t O u tp u t
(A c tiv e Lo w ), P in 1
Re s e t O u tp u t
(A c tiv e H igh ), P in 1
() is for G696H
2
VCC
VTH
RESET
1
3GND 5CD
+
2
VCC
VTH
RESET
(RESET)
1
3GND 5CD
+
*
I
CD
I
CD
() is for G696H
2
VCC
VTH
RESET
1
3GND 5CD
+
2
VCC
VTH
RESET
(RESET)
1
3GND 5CD
+
*
I
CD
I
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com