Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G696L263TOUF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G696L263TOUF
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696L263TOUF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G696L263TOUF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696L263TOUF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G696/G697
Global Mixed-mode Technology Inc.
Ordering Information
ORDER NUMBER
ORDER NUMBER
(Pb free)
TEMP. RANGE
PACKAGE
G696HxxxT1U
G696HxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G696LxxxT1U
G696LxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G697LxxxT1U
G697LxxxT1Uf
-40°C ~ +105°C
SOT-23-5
G696HxxxTOU
G696HxxxTOUf
-40°C ~ +105°C
TSOT-23-5
G696LxxxTOU
G696LxxxTOUf
-40°C ~ +105°C
TSOT-23-5
G697LxxxTOU
G697LxxxTOUf
-40°C ~ +105°C
TSOT-23-5
Note: T1: SOT-23-5
TO: TSOT-23-5
U: Tape & Reel
* xxx specifies the threshold voltage.
e.g. 263 denotes the 2.64V threshold voltage.
Selector Guide
ORDER
NUMBER
ORDER NUMBER
(Pb free)
RESET THRESHOLD (V)
OUTPUT TYPE
TOP MARK
G697L463T1U
G697L463T1Uf
4.60
Open-Drain RESET
697Gx
G697L438T1U
G697L438T1Uf
4.32
Open-Drain RESET
697Fx
G697L400T1U
G697L400T1Uf
3.96
Open-Drain RESET
697Ex
G697L330T1U
G697L330T1Uf
3.30
Open-Drain RESET
697Dx
G697L308T1U
G697L308T1Uf
3.10
Open-Drain RESET
697Cx
G697L293T1U
G697L293T1Uf
2.91
Open-Drain RESET
697Bx
G697L263T1U
G697L263T1Uf
2.64
Open-Drain RESET
697Ax
G697L250T1U
G697L250T1Uf
2.50
Open-Drain RESET
697Hx
G696H463T1U
G696H463T1Uf
4.60
Push-Pull RESET
696Lx
G696H438T1U
G696H438T1Uf
4.32
Push-Pull RESET
696Kx
G696H400T1U
G696H400T1Uf
3.96
Push-Pull RESET
696Jx
G696H330T1U
G696H330T1Uf
3.30
Push-Pull RESET
696Nx
G696H308T1U
G696H308T1Uf
3.10
Push-Pull RESET
696Ix
G696H293T1U
G696H293T1Uf
2.91
Push-Pull RESET
696Hx
G696H263T1U
G696H263T1Uf
2.64
Push-Pull RESET
696Gx
G696H250T1U
G696H250T1Uf
2.50
Push-Pull RESET
696Qx
G696L463T1U
G696L463T1Uf
4.60
Push-Pull RESET
696Fx
G696L438T1U
G696L438T1Uf
4.32
Push-Pull RESET
696Ex
G696L400T1U
G696L400T1Uf
3.96
Push-Pull RESET
696Dx
G696L330T1U
G696L330T1Uf
3.30
Push-Pull RESET
696Mx
G696L308T1U
G696L308T1Uf
3.10
Push-Pull RESET
696Cx
G696L293T1U
G696L293T1Uf
2.91
Push-Pull RESET
696Bx
G696L263T1U
G696L263T1Uf
2.64
Push-Pull RESET
696Ax
G696L250T1U
G696L250T1Uf
2.50
Push-Pull RESET
696Px
T1: SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com