Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZA65R033M2H Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # IMZA65R033M2H
Description  SiC MOSFET CoolSiC™ MOSFET 650 V G2
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IMZA65R033M2H Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button IMZA65R033M2H Datasheet HTML 9Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 10Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 11Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 12Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 13Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 14Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 15Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 16Page - Infineon Technologies AG IMZA65R033M2H Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
CoolSiC™ MOSFET 650 V G2
IMZA65R033M2H
Public
Datasheet
13
Revision 2.0
https://www.infineon.com
2024‑09‑24
 
Diagram 17: Typ. Qoss output charge
Diagram 18: Typ. Switching Losses vs R
Q =f(V )
E=f(R ); V =400 V; V =0‑18 V; I =27.9 A
Diagram 19: Typ. Switching Losses vs switching current
E=f(I ); V  =400 V; V =0‑18 V; R =1.8 Ω
G,ext
oss
DS
G,ext
DD
GS
D
D
DD
GS
G,ext
0
100
200
300
400
500
600
700
VDS [V]
0
20
40
60
80
100
0
5
10
15
20
25
RG,ext [ ]
0
100
200
300
400
Eon
Eoff
Etot
0
10
20
30
40
50
60
ID [A]
0
50
100
150
200
Eon
Eoff
Etot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com