Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMZA65R033M2H Datasheet (PDF) - Infineon Technologies AG

IMZA65R033M2H Datasheet PDF - Infineon Technologies AG
Part # IMZA65R033M2H
Download  IMZA65R033M2H Download
File Size   1026.03 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SiC MOSFET CoolSiC™ MOSFET 650 V G2

IMZA65R033M2H Datasheet (PDF)

Go To PDF Page Download Datasheet
IMZA65R033M2H Datasheet PDF - Infineon Technologies AG

Part # IMZA65R033M2H
Download  IMZA65R033M2H Click to download

File Size   1026.03 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SiC MOSFET CoolSiC™ MOSFET 650 V G2

IMZA65R033M2H Datasheet (HTML) - Infineon Technologies AG


IMZA65R033M2H Product details

Features
• Ultra‑low switching losses
• Benchmark gate threshold voltage, VGS(th) = 4.5 V
• Robust against parasitic turn‑on even with 0 V turn‑off gate voltage
• Flexible driving voltage and compatible with bipolar driving scheme
• Robust body diode operation under hard commutation events
• .XT interconnection technology for best‑in‑class thermal performance

Benefits
• Enables high efficiency and high power density designs
• Facilitates great ease of use and integration
•Provides the best price performance ratio compared to Industry’s most
ambitious roadmaps
• Reduces the size, weight and bill of materials of the systems
• Enhances system robustness and reliability

Potential applications
• SMPS
• Solar PV inverters
• Energy storage and battery formation
• UPS
• EV charging infrastructure
• Motor drives

Product validation
Fully qualified according to JEDEC for Industrial Applications
Please note: The source and driver source pins are not exchangeable. Their
exchange might lead to malfunction.




Similar Part No. - IMZA65R033M2H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMZA65R030M1H INFINEON-IMZA65R030M1H Datasheet
1Mb / 15P
650 V CoolSiC짧 M1 SiC Trench Power Device
Rev.2.0,2021-03-17
IMZA65R039M1H INFINEON-IMZA65R039M1H Datasheet
1Mb / 15P
650 V CoolSiC짧 M1 SiC Trench Power Device
Rev.2.0,2021-03-17
More results


Similar Description - IMZA65R033M2H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMW120R007M1H INFINEON-IMW120R007M1H Datasheet
1Mb / 17P
CoolSiC??1200 V SiC Trench MOSFET : silicon carbide MOSFET
Revision 1.00 2022-01-31
IMW120R040M1H INFINEON-IMW120R040M1H Datasheet
1Mb / 17P
CoolSiC??1200 V SiC Trench MOSFET : silicon carbide MOSFET
Revision 1.00 2022-01-31
IMYH200R012M1H INFINEON-IMYH200R012M1H Datasheet
1Mb / 16P
CoolSiC™ 2000 V SiC Trench MOSFET
1.10 2023-01-16
IMYH200R024M1H INFINEON-IMYH200R024M1H Datasheet
1Mb / 16P
CoolSiC™ 2000 V SiC Trench MOSFET
1.10 2023-01-16
IMYH200R050M1H INFINEON-IMYH200R050M1H Datasheet
1Mb / 16P
CoolSiC™ 2000 V SiC Trench MOSFET
Revision 1.10 2023-01-16
IMYH200R075M1H INFINEON-IMYH200R075M1H Datasheet
1Mb / 16P
CoolSiC™ 2000 V SiC Trench MOSFET
Revision 1.10 2023-01-16
IMYH200R100M1H INFINEON-IMYH200R100M1H Datasheet
1Mb / 16P
CoolSiC™ 2000 V SiC Trench MOSFET
Revision 1.10 2023-01-16
AIMBG120R010M1 INFINEON-AIMBG120R010M1 Datasheet
1Mb / 15P
CoolSiC™ 1200 V SiC Trench MOSFET
Revision 1.00 2023-04-25
AIMBG120R040M1 INFINEON-AIMBG120R040M1 Datasheet
1Mb / 15P
CoolSiC™ 1200 V SiC Trench MOSFET
Revision 1.00 2023-04-25
AIMBG120R080M1 INFINEON-AIMBG120R080M1 Datasheet
1Mb / 15P
CoolSiC™ 1200 V SiC Trench MOSFET
Revision 1.00 2023-04-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com