Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG080EC1 Datasheet(PDF) 39 Page - Eaton All Rights Reserved.

Part # XTOG080EC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG080EC1 Datasheet(HTML) 39 Page - Eaton All Rights Reserved.

Back Button XTOG080EC1 Datasheet HTML 35Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 36Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 37Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 38Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 39Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 40Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 41Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 42Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 43Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Overload relays
Overload relays, CT-operated overload relays
Overload relays
ZB150-50/KK
OFF
Reset/ON
Z5 overload relays greater than 150A
Z5-.../FF250
OFF
Reset/ON
Current transformer-operated overload relays
ZW7-…
5
16.5
63
129
134
100
118
99
95
7
121
110
96
128
48
25
5
16.5
144
111
7
11
200
185
65
65
27
7.5
4.3
185
M4
44
1.5
159
172 – 250
90°
90°
90°
Reset/ON
39
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com