Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG080EC1 Datasheet(PDF) 55 Page - Eaton All Rights Reserved.

Part # XTOG080EC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG080EC1 Datasheet(HTML) 55 Page - Eaton All Rights Reserved.

Back Button XTOG080EC1 Datasheet HTML 51Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 52Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 53Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 54Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 55Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 56Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 57Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 58Page - Eaton All Rights Reserved. XTOG080EC1 Datasheet HTML 59Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
Motor Insight, continued
Description
Specification
C441B_
C441C_
C441D_
C441_ _ _ _NOUI
Load Protection
Feature
Range
Fault Delay Setting
Under current
50–90% of motor FLA
50–90% of motor FLA
50–90% of motor FLA
50–90% of motor FLA
1–60 seconds
Low power (kW)
20–80% of rated kW
20–80% of rated kW
20–80% of rated kW
20–80% of rated kW
1–60 seconds
High power (kW)
50–110% of rated kW
50–110% of rated kW
50–110% of rated kW
50–110% of rated kW
1–60 seconds
Load reset delay
2–500 minutes, auto
2–500 minutes, auto
2–500 minutes, auto
2–500 minutes, auto
Load reset attempts
0–4, auto
0–4, auto
0–4, auto
0–4, auto
Supply Protection
Feature
Range
Fault Delay Setting
Over voltage
170–264 Vac
323–528 Vac
489–660 Vac
0–660 Vac
1–20 seconds
Under voltage
170–264 Vac
323–528 Vac
489–660 Vac
0–660 Vac
1–20 seconds
Voltage imbalance
1–20% imbalance
1–20% imbalance
1–20% imbalance
1–20% imbalance
1–20% imbalance
Restart delay setting
1–500 seconds
1–500 seconds
1–500 seconds
1–500 seconds
1–500 seconds
Electrical/EMC
Radiated emissions
IEC 60947-4-1—Table 15,
EN 55011 (CISPIR 11)
Group 1, Class A
30–1000 mHz
30–1000 mHz
30–1000 mHz
30–1000 mHz
30–1000 mHz
Conducted emissions
IEC 60947-4-1—Table 14,
EN 55011 (CISPIR 11)
Group 1, Class A
0.15–30 mHz
0.15–30 mHz
0.15–30 mHz
0.15–30 mHz
0.15–30 mHz
ESD immunity
IEC 60947-4-1 (Table 13)
±8 kV air, ±4 kV contact
±8 kV air, ±4 kV contact
±8 kV air, ±4 kV contact
±8 kV air, ±4 kV contact
±8 kV air, ±4 kV contact
Radiated immunity
IEC 60947-4-1
10 V/m 80–1000 mHz
80% amplitude modulated
1 kHz sine wave
10 V/m 80–1000 mHz
80% amplitude modulated
1 kHz sine wave
10 V/m 80–1000 mHz
80% amplitude modulated
1 kHz sine wave
10 V/m 80–1000 mHz
80% amplitude modulated
1 kHz sine wave
10 V/m 80–1000 mHz
80% amplitude modulated
1 kHz sine wave
Conducted immunity
IEC 60947-4-1
140 dBuV (10V rms)
150 kHz–80 mHz
140 dBuV (10V rms)
150 kHz–80 mHz
140 dBuV (10V rms)
150 kHz–80 mHz
140 dBuV (10V rms)
150 kHz–80 mHz
140 dBuV (10V rms)
150 kHz–80 mHz
Fast transient immunity
IEC 60947-4-1 (Table 13)
IEC 61000-4-4
±2 kV using direct method
±2 kV using direct method
±2 kV using direct method
±2 kV using direct method
±2 kV using direct method
Surge immunity
IEC 60947-4-1 (Table 13)
IEC 61000-4-4
Three-phase power inputs:
±2 kV line-to-line (DM)
±4 kV line-to-ground (CM)
Three-phase power inputs:
±2 kV line-to-line (DM)
±4 kV line-to-ground (CM)
Three-phase power inputs:
±2 kV line-to-line (DM)
±4 kV line-to-ground (CM)
Three-phase power inputs:
±2 kV line-to-line (DM)
±4 kV line-to-ground (CM)
Three-phase power inputs:
±2 kV line-to-line (DM)
±4 kV line-to-ground (CM)
IEC 61000-4-5 Class 3 User IO
and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
IEC 61000-4-5 Class 3 User IO
and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
IEC 61000-4-5 Class 3 User IO
and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
IEC 61000-4-5 Class 3 User IO
and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
IEC 61000-4-5 Class 3 User IO
and communication lines:
±1 kV line-to-line (DM)
±2 kV line-to-ground (CM)
Voltage variations
immunity
IEC 60947-4-1
30% dip, at 100 ms
60% dip at 10 ms
>95% interrupt at 5 ms
30% dip, at 100 ms
60% dip at 10 ms
>95% interrupt at 5 ms
30% dip, at 100 ms
60% dip at 10 ms
>95% interrupt at 5 ms
30% dip, at 100 ms
60% dip at 10 ms
>95% interrupt at 5 ms
30% dip, at 100 ms
60% dip at 10 ms
>95% interrupt at 5 ms
Electromagnetic field
IEC 60947-4-1 (Table 13)
IEC 61000-4-3
10 V/m
10 V/m
10 V/m
10 V/m
10 V/m
Ground fault
UL 508, UL 1053
Sections 21 and 27
UL 508, UL 1053
Sections 21 and 27
UL 508, UL 1053
Sections 21 and 27
UL 508, UL 1053
Sections 21 and 27
UL 508, UL 1053
Sections 21 and 27
C441 Overload and monitoring relay
Technical data and specifications
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
56
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com