Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253CAL3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32MP253CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253CAL3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32MP253CAL3 Datasheet HTML 15Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 16Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 17Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 18Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 19Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 20Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 21Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 22Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 241 page
background image
Interface
type
Signal
Pin
IO supply domain
OCTOSPI
M Port2
-
OCTOSPIM_P2_NCLK
VDDIO4(2)
PB11
OCTOSPIM_P2_DQS
PB9
SDMMC1
SD-Card or eMMC
SDMMC1_CK
PE3
VDDIO1
SDMMC1_CMD
PE2
SDMMC1_D0 (3)
PE4
SDMMC2
SD-Card or eMMC
SDMMC2_CK
PE14
VDDIO2(1)
SDMMC2_CMD
PE15
SDMMC2_D0(3)
PE13
USART2
USART2_RX
PA8
VDD
USART2_TX
PA4
UART5
UART5_RX
PB15
VDD
UART5_TX
PA0
USART6
USART6_RX
PF4
VDD
USART6_TX
PF5
UART8
UART8_RX
PF3
VDD
UART8_TX
PG3
UART9
UART9_RX
PB14
VDD
UART9_TX
PD13
1. Some FMC and SDMMC2 pins are shared, this means that usage of FMC is exclusive of usage of SDMMC2.
2. Some FMC and OCTOSPIM port2 pins are shared, this means that usage of FMC in 16-bit mode is exclusive of usage of OCTOSPIM Port2.
3. Only used as input by boot ROM
Although low-level boot is done using internal clocks, ST supplies software packages as well as major external
interfaces (such as DDR or USB) require a crystal or an external oscillator to be connected on HSE pins.
See the product reference manual for constrains and recommendations regarding connection of HSE pins and
supported frequencies.
3.9
Power supply management (PWR)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
3.9.1
Power supply scheme
The system requires supply on VDD, VDDA18AON, VDDCPU and VDDCORE to start, and to allow independent
supplies for VDDGPU, VDDA18ADC, VBAT, VDD33USB, VDD33UCPD, VDDIO2, VDDIO3, VDDIO4, VDDIO1, and VDDQDDR.
•
VDD power supply input for I/Os (1.8 V or 3.3 V typical)
•
VDDA18AON power supply input for system analog such as reset, power management, oscillators and OTP
•
VBAT optional power supply input for backup domain, and optionally D3 domain when VDD is not present
(VBAT mode)
•
VDDCORE digital core domain supply, dependent on VDD supply. VDD must be present before VDDCORE.
–
VDDCSI, VDDDSI, VDDLVDS, VDDCOMBOPHY, VDDCOMBOPHYTX, and VDDPCIECLK are usually connected
to VDDCORE.
•
VDDCPU digital CPU domain supply (Cortex-A35), dependent on VDD supply. VDD must be present before
VDDCPU.
•
VDDGPU digital GPU domain supply, dependent on VDD supply. VDD must be present before VDDGPU.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 19/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com