Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253CAL3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32MP253CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253CAL3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32MP253CAL3 Datasheet HTML 2Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 3Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 4Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 5Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 6Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 7Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 8Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 9Page - STMicroelectronics STM32MP253CAL3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 241 page
background image
2
Description
STM32MP25xC/F devices are based on the high-performance single or dual-core Arm® Cortex®-A35 64-bit RISC
core operating at up to 1.5 GHz. The Cortex®
‑A35 processor includes a 32-Kbyte L1 instruction cache for each
CPU, a 32-Kbyte L1 data cache for each CPU, and a 512-Kbyte L2 cache. The Cortex®
‑A35 processor uses a
highly efficient 8-stage in-order pipeline that has been extensively optimized to provide full Armv8-A features while
maximizing area and power efficiency.
STM32MP25xC/F devices also embed a Cortex®-M33 32-bit RISC core operating at up to 400 MHz frequency.
The Cortex®-M33 core features a floating point unit (FPU) single precision which supports Arm® single-precision
data-processing instructions, and data types. The Cortex®-M33 supports a full set of DSP instructions,
TrustZone®, and a memory protection unit (MPU) which enhances application security.
The devices also embed a Cortex®-M0+ 32-bit RISC core operating at up to 200 MHz frequency (16 MHz when
running from backup regulator). This processor is located in the SmartRun domain, and can be used to ensure
very-low-power peripheral activity when all other processors and domains are stopped.
STM32MP25xC/F devices can also embed a 3D graphic processing unit (VeriSilicon®, OpenGL ES 3.1,
Vulkan 1.3, OpenCL 3.0, OpenVX 1.3) running at up to 900 MHz, with performances up to 150 Mtriangle/s,
900 Mpixel/s.
The graphic processing unit can provide a neural processor unit (VeriSilicon®, TensorFlowLite, ONNX, Linux NN)
running at up to 900 MHz.
STM32MP25xC/F devices provide an external SDRAM interface supporting external memories up to 32
‑Gbit
density (4 Gbytes), 16- or 32-bit DDR3L up to 1066 MHz, 16- or 32-bit LPDDR4 or DDR4 up to 1200 MHz. The
SDRAM content can be encrypted with AES-128.
The devices incorporate high-speed embedded memories: 808 Kbytes of internal SRAM (including 256-Kbyte AXI
SYSRAM, 128-Kbyte AXI video SRAM (which can be used as general purpose), two banks of 128 Kbytes each of
AHB SRAM, three banks of 8, 8, and 16 Kbytes of AHB SRAM in SmartRun domain, 128 Kbytes of AHB SRAM in
backup domain, and 8 Kbytes of SRAM in backup domain), as well as an extensive range of enhanced I/Os and
peripherals connected to APB buses, AHB buses, a 32-bit multi-AHB bus matrix, and a 128/64-bit multi-layer AXI
interconnect supporting access to internal and external memories.
Each device offers three ADCs, a low-power secure RTC, 12 general-purpose 16-bit timers, 4 general-purpose
32
‑bit timers, three PWM timers for motor control, five low-power timers, and a true random number generator
(RNG) , and cryptographic acceleration cells.
STM32MP25xC/F devices offer a video encoder and a video decoder.
The devices support 8 multi-function digital filters (MDF), and one dedicated audio-digital filter with sound-activity
detection (ADF).
The devices feature the following standard and advanced communication interfaces.
Standard peripherals
•
eight I2Cs
•
four I3Cs
•
four USARTs and five UARTs
•
one low-power UART
•
eight SPIs, three I2Ss full-duplex master/slave. The I2S peripherals can be clocked via a dedicated internal
audio PLL or via an external clock.
•
four SAI serial audio interfaces
•
one SPDIF Rx interface
•
three SDMMC interfaces
•
an USB 2.0 Host with embedded Hi-Speed PHY
•
an USB 2.0/3.0 dual-role data with both Hi-Speed and 5Gbits/s SuperSpeed PHYs
•
three FDCAN interfaces, including one supporting TTCAN mode (optional)
•
two Gigabit Ethernet Interface, with TSN support (optional)
•
one Gigabit Ethernet Switch connected to ETH1 and providing two external PHY interfaces, with TSN
support (optional)
Advanced peripherals including
•
a flexible memory control (FMC) interface
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 6/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com