Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32MP255D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32MP255D Datasheet HTML 10Page - STMicroelectronics STM32MP255D Datasheet HTML 11Page - STMicroelectronics STM32MP255D Datasheet HTML 12Page - STMicroelectronics STM32MP255D Datasheet HTML 13Page - STMicroelectronics STM32MP255D Datasheet HTML 14Page - STMicroelectronics STM32MP255D Datasheet HTML 15Page - STMicroelectronics STM32MP255D Datasheet HTML 16Page - STMicroelectronics STM32MP255D Datasheet HTML 17Page - STMicroelectronics STM32MP255D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 241 page
background image
3.1.2.5
Hardware virtualization
Highly-efficient hardware support for data management and arbitration, whereby multiple software environments
and their applications are able to simultaneously access the system capabilities. This enables the realization of
devices that are robust, with virtual environments that are well isolated from each other.
3.1.2.6
Optimized L1 caches
Performance and power optimized L1 caches combine minimal access latency techniques to maximize
performance and minimize power consumption. There is also the option of cache coherence for enhanced inter-
processor communication, or support of a rich SMP capable OS for simplified multicore software development.
3.1.2.7
Integrated L2 cache controller
Provides low-latency and high-bandwidth access to cached memory in high-frequency, or to reduce the power
consumption associated with off-chip memory access.
3.1.2.8
Snoop control unit (SCU)
The SCU is responsible for managing the interconnect, arbitration, communication, cachetocache and system
memory transfers, cache coherence and other capabilities for the processor.
This system coherence also reduces software complexity involved in maintaining software coherence within each
OS driver.
3.1.2.9
Generic interrupt controller (GIC)
Implementing the standardized and architected interrupt controller, the GIC provides a rich and flexible approach
to inter-processor communication, and the routing and prioritization of system interrupts.
Supporting up to 416 independent interrupts (including 384 shared interrupt), under software control, each
interrupt can be distributed across Cortex
‑A35 cores, hardware prioritized, and routed between the operating
system and TrustZone software management layer.
This routing flexibility and the support for virtualization of interrupts into the operating system, provide one of the
key features required to enhance the capabilities of a solution utilizing an hypervisor.
3.2
Arm Cortex-M33 core with TrustZone and FPU (CM33)
The Arm Cortex-M33 core with TrustZone and FPU is a 32-bit RISC processor that features exceptional code-
efficiency, delivering the high-performance expected from an Arm core in the memory size usually associated with
8- and 16-bit devices.
It is comprise of:
•
Arm TrustZone technology, using the Armv8-M main extension supporting secure and non-secure states
•
floating-point extension (FPU)
•
Armv8-M DSP extension
•
a nested vectored interrupt controller (NVIC) closely integrated with the processor
•
a memory system with memory protection unit (MPU) with up to 16 non-secure regions and 16 secure
regions
•
a security attribution unit (SAU) with up to 8 regions
•
an implementation defined attribution unit (IDAU)
•
debug components including breakpoints (BPU), data watchpoints (DWT), instrumentation and processor
trace (ITM/ETM), cross trigger interface (CTI)
•
16-Kbyte instruction and 16-Kbyte data caches (ICACHE/DCACHE)
3.3
Arm Cortex-M0+ core (CM0P)
The Cortex-M0+ processor is built on a highly area- and power-optimized 32bit core, with a 2-stage pipeline Von
Neumann architecture. The processor delivers exceptional energy efficiency through a small but powerful
instruction set and extensively optimized design, providing high-end processing hardware including a single-cycle
multiplier.
The Cortex-M0+ processor provides the exceptional performance expected of a modern 32bit architecture, with a
higher code density than other 8bit and 16bit microcontrollers.
The Cortex-M0+ is tightly coupled with a nested vectored interrupt controller (NVIC)
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 3
page 14/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com