Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255D Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32MP255D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255D Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32MP255D Datasheet HTML 41Page - STMicroelectronics STM32MP255D Datasheet HTML 42Page - STMicroelectronics STM32MP255D Datasheet HTML 43Page - STMicroelectronics STM32MP255D Datasheet HTML 44Page - STMicroelectronics STM32MP255D Datasheet HTML 45Page - STMicroelectronics STM32MP255D Datasheet HTML 46Page - STMicroelectronics STM32MP255D Datasheet HTML 47Page - STMicroelectronics STM32MP255D Datasheet HTML 48Page - STMicroelectronics STM32MP255D Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 241 page
background image
•
Configurable media-independent interface to external PHY:
–
RGMII
–
MII
–
RMII
–
MDIO master interface for external PHY device configuration
–
Internal or external reference clocks
•
Low-power support:
–
Energy Efficient Ethernet (EEE) compliant with IEEE 802.3az-2010;
–
Detection of LAN wake-up frames and “Magic Packet” frames
•
Timing and synchronization:
–
compliance with IEEE 1588-2008 (PTP) and IEEE 802.1AS-Rev
–
hardware “auxiliary timestamp trigger” for accurate sampling of the “PTP system clock”
–
Internal or external system time
•
Time-sensitive networking:
–
“Forwarding and Queuing Enhancements for Time-Sensitive Streams” compliant with IEEE 802.1Qav
–
“Enhancements to Scheduled Traffic” compliant with IEEE 802.1Qbv, with a gate control list depth up
to 128
–
“Frame Preemption” compliant with IEEE 802.1Qbu and IEEE 802.3br
•
Preamble and start-of-frame data insertion (for Tx) and deletion (for Rx)
•
Option for automatic CRC generation (for Tx), checking and stripping (for Rx)
•
Source address field insertion or replacement in transmitted packets
•
Filtering options:
–
Perfect match with a given SA/DA (up to 3 MAC addresses are supported)
–
64-bit Hash filter match
–
Several multicast/broadcast rules supported
–
Based on IEEE 802.1q ‘VLAN tag’ field (perfect match, hash filtering)
–
Support for different ‘VLAN tag’ filtering for each Rx queue
–
Based on TCP/UDP/IP address (perfect match, inverse filtering)
•
TCP/IP offloading:
–
Checksum calculation and insertion in the transmit path
–
Checksum error detection in the receive path.
–
TCP segmentation offload (automatic split of a large TCP packet into smaller Ethernet frames)
3.64
Gigabit Ethernet switch (ETHSW)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
A 3-port gigabit Ethernet switch is included. The switch supports TSN and related standards, and also includes a
cut-through accelerator (called ACM) for the two external ports.
Two switch ports are available externally providing RGMII and RMII interfaces. The third port is connected
internally to the ETH1 controller.
The switch can be completely bypassed. In this case, ETH1 is connected directly to a single external port.
3.65
Debug infrastructure
The devices offer a comprehensive set of debug and trace features to support software development and system
integration.
•
Breakpoint debugging
•
Code execution tracing
•
Software instrumentation
•
JTAG debug port
•
Serial-wire debug port
•
Trigger input and output
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Functional overview
DS14285 - Rev 3
page 45/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com