Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255D Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32MP255D
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255D Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32MP255D Datasheet HTML 99Page - STMicroelectronics STM32MP255D Datasheet HTML 100Page - STMicroelectronics STM32MP255D Datasheet HTML 101Page - STMicroelectronics STM32MP255D Datasheet HTML 102Page - STMicroelectronics STM32MP255D Datasheet HTML 103Page - STMicroelectronics STM32MP255D Datasheet HTML 104Page - STMicroelectronics STM32MP255D Datasheet HTML 105Page - STMicroelectronics STM32MP255D Datasheet HTML 106Page - STMicroelectronics STM32MP255D Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 241 page
background image
Table 14. Voltage characteristics
Specified by design, not tested in production.
All powers and grounds pins must always be connected to an external power supply, in the permitted
range.
Symbols
Ratings
Min
Max
Unit
VDDX - VSS
range 1.8 V
External supply voltage (including VDD, VDDIOx, VBAT)
-0.3
2
V
VDDX - VSS
range 3.3 V
External supply voltage (including VDD, VDDIOx, VBAT, VDD33USB,
VDD33UCPD)
-0.3
3.7
VDDCORE – VSS
External core supply voltage (including VDDCORE, VDDCPU,
VDDGPU, VDDCSI, VDDDSI, VDDLVDS, VDDCOMBOPHY,
VDDCOMBOPHYTX, VDDPCIECLK)
-0.3
0.99
VDDQDDR – VSS
DDR IO supply voltage
-0.3
1.575
VDDA18 – VSS
1.8 V supply voltage (including VDDA18AON, VDDA18PLL1,
VDDA18PLL2, VDDA18PLL3, VDDA18DSI, VDDA18CSI, VDDA18LVDS,
VDDA18COMBOPHY, VDDA18DDR, VDDA18USB, VDDA18ADC)
-0.3
1.98
VIN
Input voltage on TT_xx pins (VDDIOxVRSEL = 0)
VSS -
0.3
3.6
Input voltage on TT_xx pins (VDDIOxVRSEL = 1)
1.98
Input voltage on UCPD pins
VDD3V3_UCPD
+ 1.935
|∆VDDx|
Variations between different VDDX power pins of the same
domain
-
50
mV
|VSSx-VSS|
Variations between all the different ground pins
-
50
1. VIN maximum must always be respected. Refer to next table for the maximum allowed injected current values.
Table 15. Current characteristics
Specified by design, not tested in production.
Symbols
Ratings
Condition
Max
Unit
IIO
Output current sunk/source by
any I/O and control pin
TJ > 110 °C
4
mA
90 °C < TJ ≤ 110 °C
10
-40 °C < TJ ≤ 90 °C
20
∑IINJ(PIN)
Total injected current (sum of all I/Os and control pins)
±25
1. When several inputs are submitted to a current injection, the maximum ∑IINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 16. Thermal characteristics
Specified by design, not tested in production.
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (suffix 3)
125
STM32MP251A/D STM32MP253A/D STM32MP255A/D STM32MP257A/D
Electrical characteristics
DS14285 - Rev 3
page 103/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com