Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1893CF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1893CF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
4
Chapter 1 Abbreviations and Acronyms
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
OSI
Open Systems Interconnection
OUI
Organizationally Unique Identifier
PCS
Physical Coding sublayer
PHY
physical-layer device
The ICS1893CF is a physical-layer device, also referred to as a ‘PHY’ or ‘PHYceiver’.
(The ICS1890 is also a physical-layer device.)
PLL
phase-locked loop
PMA
Physical Medium Attachment
PMD
Physical Medium Dependent
ppm
parts per million
RO
read only
R/W
read/write
R/W0
read/write zero
SC
self-clearing
SF
Special Functions
SFD
Start-of-Frame Delimiter
SI
Stream Interface, Serial Interface, or Symbol Interface.
With reference to the MII/SI pin, the acronym ‘SI’ has multiple meanings.
• Generically, SI means 'Stream Interface', and is documented as such in this data
sheet.
• However, when the MAC Interface is configured for:
– 10M operations, SI is an acronym for 'Serial Interface'.
– 100M operations, SI is an acronym for 'Symbol Interface'.
SQE
Signal Quality Error
SSD
Start-of-Stream Delimiter
SSOP
Small Shrink Outline Package
STA
Station Management Entity
STP
shielded twisted pair
TAF
Technology Ability Field
TP-PMD
Twisted-Pair Physical Layer Medium Dependent
Typ.
typical
UTP
unshielded twisted pair
Table 1-1. Abbreviations and Acronyms (Continued)
Abbreviation /
Acronym
Interpretation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com