Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1893CF Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1893CF Datasheet HTML 1Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 2Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 3Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 4Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 5Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 6Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 126 page
background image
Chapter 1 Abbreviations and Acronyms
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
3
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 1 Abbreviations and Acronyms
Table 1-1 lists and interprets the abbreviations and acronyms used throughout this data sheet.
Table 1-1. Abbreviations and Acronyms
Abbreviation /
Acronym
Interpretation
4B/5B
4-Bit / 5-Bit Encoding/Decoding
ANSI
American National Standards Institute
CMOS
complimentary metal-oxide semiconductor
CSMA/CD
Carrier Sense Multiple Access with Collision Detection
CW
Command Override Write
DSP
digital signal processing
ESD
End-of-Stream Delimiter
FDDI
Fiber Distributed Data Interface
FLL
frequency-locked loop
FLP
Fast Link Pulse
IDL
A ‘dead’ time on the link following a 10Base-T packet, not to be confused with idle
IEC
International Electrotechnical Commission
IEEE
Institute of Electrical and Electronic Engineers
ISO
International Standards Organization
LH
Latching High
LL
Latching Low
LMX
Latching Maximum
MAC
Media Access Control
Max.
maximum
Mbps
Megabits per second
MDI
Media Dependent Interface
MDIX
Media Independent Interface Crossed
MF
Management Frame
MII
Media Independent Interface
Min.
minimum
MLT-3
Multi-Level Transition Encoding (3 Levels)
N/A
Not Applicable
NLP
Normal Link Pulse
No.
Number
NRZ
Not Return to Zero
NRZI
Not Return to Zero, Invert on one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com