Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAS30 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PXAS30
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS30 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PXAS30 Datasheet HTML 35Page - NXP Semiconductors PXAS30 Datasheet HTML 36Page - NXP Semiconductors PXAS30 Datasheet HTML 37Page - NXP Semiconductors PXAS30 Datasheet HTML 38Page - NXP Semiconductors PXAS30 Datasheet HTML 39Page - NXP Semiconductors PXAS30 Datasheet HTML 40Page - NXP Semiconductors PXAS30 Datasheet HTML 41Page - NXP Semiconductors PXAS30 Datasheet HTML 42Page - NXP Semiconductors PXAS30 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
39
AC ELECTRICAL CHARACTERISTICS (5 V RANGE) (continued)
This set of parameters is referenced to the XA-S3 clock output.
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
Address Cycle
tCHLH
26
CLKOUT rising edge to ALE rising edge
13
ns
tCLLL
26
CLKOUT falling edge to ALE falling edge
9
ns
tCHAV
26
CLKOUT rising edge to address valid
18
ns
tCHAX
26
CLKOUT rising edge to address changing (hold time)
2
ns
Code Read Cycle
tCHPL
26
CLKOUT rising edge to PSEN asserted
14
ns
tCHPH
26
CLKOUT rising edge to PSEN de-asserted
12
ns
tIVCH
26
Instruction valid to CLKOUT rising edge (setup time)
20
ns
tCHIX
26
CLKOUT rising edge to instruction changing (hold time)
0
ns
tCHIZ
26
CLKOUT rising edge to Bus 3-State (code read)
tC–8
ns
Data Read Cycle
tCHRL
28
CLKOUT rising edge to RD asserted
12
ns
tCHRH
28
CLKOUT rising edge to RD de-asserted
10
ns
tDVCH
28
Data valid to CLKOUT rising edge (setup time)
20
ns
tCHDX
28
CLKOUT rising edge to Data changing (hold time)
0
ns
tCHDZ
28
CLKOUT rising edge to Bus 3-State (data read)
tC–8
ns
Data Write Cycle
tCHWL
30
CLKOUT falling edge to WR asserted
12
ns
tCHWH
30
CLKOUT rising edge to WR de-asserted
10
ns
tQVCH
30
Data valid to CLKOUT rising edge (setup time)
4
ns
tCHQX
30
CLKOUT rising edge to Data changing (hold time)
0
ns
Wait Input
tCHWTH
31
WAIT valid prior to CLKOUT rising edge8
21
4
ns
NOTES ON PAGE 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com