Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS212AM Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SCS212AM
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCS212AM Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SCS212AM Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCS212AM Datasheet HTML 2Page - Inchange Semiconductor Company Limited SCS212AM Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7032
eq SCS212AM
Silicon Carbide Schottky Diode
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.0
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDC
DC Blocking Voltage
IR = 2.4mA
650
--
--
V
VF
Diode Forward Voltage
IF= 12A, TVJ=25℃
--
1.35
1.55
V
IF= 12A, TJ=150℃
--
1.55
--
IR
Reverse current
VR= 650V, TVJ=25℃
--
2.4
240
uA
VR= 650V, TJ=150℃
--
40
--
QC
Total Capacitive Charge
VR= 400V
di/dt=350A/us
--
20
--
nC
C
Total Capacitance,f=1MHZ
VR=1V,f=1MHz
--
450
--
pF
VR= 600V,f=1MHz
--
50
--
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com