Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC510IPE Datasheet(PDF) 17 Page - Microchip Technology

Part # TC510IPE
Description  Precision Analog Front Ends
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IPE Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC510IPE Datasheet HTML 13Page - Microchip Technology TC510IPE Datasheet HTML 14Page - Microchip Technology TC510IPE Datasheet HTML 15Page - Microchip Technology TC510IPE Datasheet HTML 16Page - Microchip Technology TC510IPE Datasheet HTML 17Page - Microchip Technology TC510IPE Datasheet HTML 18Page - Microchip Technology TC510IPE Datasheet HTML 19Page - Microchip Technology TC510IPE Datasheet HTML 20Page - Microchip Technology TC510IPE Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21428D-page 17
TC500/A/510/514
FIGURE 9-3:
TC510 To IBM® Compatible Printer Port.
PC
Printer
Port
PORT
0378
Hex
Input
+
+5V
10 k
Ω
10 k
Ω
100 k
Ω
100 k
Ω
1
μF
1
μF
1
21
2
2
3
3
4
16
15
CAP-
5
6
7
8
19
10
18
17
9
22
23
24
DGND
VOUT-
VDD
A
B
CINT
CAZ
BUF
ACOM
TC510
CREF+
VIN+
CAP+
CMPTR
0.22
μF
0.22
μF
0.01
μF
0.01
μF
1
μF
0.33
μF
MCP1525
CREF-
VREF+
VREF-
VIN-
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com