Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC510IPE Datasheet(PDF) 21 Page - Microchip Technology

Part # TC510IPE
Description  Precision Analog Front Ends
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510IPE Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC510IPE Datasheet HTML 17Page - Microchip Technology TC510IPE Datasheet HTML 18Page - Microchip Technology TC510IPE Datasheet HTML 19Page - Microchip Technology TC510IPE Datasheet HTML 20Page - Microchip Technology TC510IPE Datasheet HTML 21Page - Microchip Technology TC510IPE Datasheet HTML 22Page - Microchip Technology TC510IPE Datasheet HTML 23Page - Microchip Technology TC510IPE Datasheet HTML 24Page - Microchip Technology TC510IPE Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21428D-page 21
TC500/A/510/514
16-Lead Ceramic Dual In-line (JE) – 300 mil (CERDIP)
10.41
9.14
8.25
.410
.360
.325
eB
Overall Row Spacing
0.53
0.46
0.38
.021
.018
.015
B
Lower Lead Width
1.65
1.40
1.14
.065
.055
.045
B1
Upper Lead Width
0.36
0.30
0.20
.014
.012
.008
c
Lead Thickness
5.08
4.14
3.18
.200
.163
.125
L
Tip to Seating Plane
19.81
19.30
19.10
.780
.760
.752
D
Overall Length
7.52
7.32
7.11
.296
.288
.280
E1
Ceramic Pkg. Width
8.25
7.75
7.37
.325
.305
.290
E
Shoulder to Shoulder Width
1.02
0.76
0.38
.040
.030
.015
A1
Standoff §
5.08
4.57
4.06
.200
.180
.160
A
Top to Seating Plane
2.54
.100
p
Pitch
18
18
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
JEDEC Equivalent: MS-030
Drawing No. C04-003
*Controlling Parameter
1
2
D
n
E1
c
eB
E
p
L
A2
B
B1
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com