Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPM01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM01 Datasheet HTML 1Page - STMicroelectronics STPM01 Datasheet HTML 2Page - STMicroelectronics STPM01 Datasheet HTML 3Page - STMicroelectronics STPM01 Datasheet HTML 4Page - STMicroelectronics STPM01 Datasheet HTML 5Page - STMicroelectronics STPM01 Datasheet HTML 6Page - STMicroelectronics STPM01 Datasheet HTML 7Page - STMicroelectronics STPM01 Datasheet HTML 8Page - STMicroelectronics STPM01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
February 2007
Rev. 4
1/56
56
STPM01
Programmable single phase energy metering IC
with tamper detection
Feature summary
Active, reactive, apparent energies and RMS
values
Ripple free active energy pulsed output
Live and neutral monitoring for tamper
detection
Easy and fast digital calibration in only one
point over the whole current range
OTP for calibration and configuration
Integrated linear VREGS for digital and analog
supply
Selectable RC or crystal oscillator
Support 50÷60 HZ – IEC62052-11, IEC62053-
2x specification
Less than 0.1% error
Precision voltage reference:
1.23V and 30 ppm/°C Max
Description
The STPM01 is designed for effective
measurement of active, reactive and apparent
energy in a power line system using Rogowski
Coil, Current Transformer and Shunt sensors.
This device can be implemented as a single chip
1-phase energy meter or as a peripheral
measurement in a microcontroller based 1-phase
or 3-phase energy meter. The STPM01 consists,
essentially, of two parts: the analog part and the
digital part. The former, is composed by
preamplifier and 1st order
A/D converter
blocks, Band gap voltage reference, Low drop
voltage regulator, the latter, is composed by
system control, oscillator, hard wired DSP and
SPI interface.
There is also an OTP block, which is controlled
through the SPI by means of a dedicated
command set. The configured bits are used for
testing, configuration and calibration purpose.
From a pair of
output signals coming from
analog section, a DSP unit computes the amount
of consummated active, reactive and apparent
energy, RMS and instantaneous values of voltage
and current. The results of computation are
available as pulse frequency and states on the
digital outputs of the device or as data bits in a
data stream, which can be read from the device
by means of SPI interface. This system bus
interface is used also during production testing of
the device and/or for temporary or permanent
programming of bits of internal OTP. In the
STPM01 an output signal with pulse frequency
proportional to energy is generated, this signal is
used in the calibration phase of the energy meter
application allowing a very easy approach. When
the device is fully configured and calibrated, a
dedicated bit of OTP block can be written
permanently in order to prevent accidental
entering into some test mode or changing any
configuration bit.
TSSOP20
www.st.com
Order code
Part number
Temperature range
Package
Packaging
STPM01FTR
-40 to 85 °C
TSSOP20 (Tape & reel)
2500 parts per reel


Similar Part No. - STPM01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01 STMICROELECTRONICS-STPM01_V01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results

Similar Description - STPM01

ManufacturerPart #DatasheetDescription
logo
Sames
SA2007P SAMES-SA2007P Datasheet
138Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
SA9607P SAMES-SA9607P Datasheet
127Kb / 12P
Programmable Single Phase Energy Metering IC with Tamper Detection
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
Analog Devices
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01_11 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM10 STMICROELECTRONICS-STPM10 Datasheet
1Mb / 51P
Programmable single-phase energy metering IC with tamper detection
09-Jun-2011
logo
Analog Devices
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
logo
STMicroelectronics
STPM10 STMICROELECTRONICS-STPM10_V01 Datasheet
1Mb / 47P
Programmable single-phase energy metering IC with tamper detection
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com