Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPM01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 4Page - STMicroelectronics STPM01 Datasheet HTML 5Page - STMicroelectronics STPM01 Datasheet HTML 6Page - STMicroelectronics STPM01 Datasheet HTML 7Page - STMicroelectronics STPM01 Datasheet HTML 8Page - STMicroelectronics STPM01 Datasheet HTML 9Page - STMicroelectronics STPM01 Datasheet HTML 10Page - STMicroelectronics STPM01 Datasheet HTML 11Page - STMicroelectronics STPM01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Functions
STPM01
8/56
Table 5.
Internal signal description
Symbol
Name
Description
ZCR
Zero crossing signal
Provides positive pulse every time the line voltage crosses zero
AW
Active energy
Pulse frequency signal proportional to active energy
RW
Reactive energy
Pulse frequency signal proportional to reactive energy
SW
Apparent energy
Pulse frequency signal proportional to apparent energy
LIN
Line frequency signal
This signal is high when the voltage channel value is rising and it is low when
the voltage channel is falling. Basically this signal is the sign of dv/dt.
BFR
Base frequency range
This signal is high when the voltage line frequency is outside the nominal
band. It is low when the voltage line frequency is inside the nominal band.
MA
Stepper motor signals
Signal available in MOP and MON to drive a stepper motor
MB
BIT
Tamper flag
This signal provides the information on the tamper status. If low no tamper is
detected, when high a tamper condition has been detected. This signal is part
of the status register but is also available on the SDATD pin when in
standalone mode.
BIL
No load condition
Provides information on the load condition. This signal is part of the status
register but is also available on the SCLNLC pin when in standalone mode.
BIL=1 no load condition, BIL=0 normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com