Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28C04A/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 28C04A/P
Description  4K (512 x 8) CMOS EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C04A/P Datasheet(HTML) 4 Page - Microchip Technology

  28C04A/P Datasheet HTML 1Page - Microchip Technology 28C04A/P Datasheet HTML 2Page - Microchip Technology 28C04A/P Datasheet HTML 3Page - Microchip Technology 28C04A/P Datasheet HTML 4Page - Microchip Technology 28C04A/P Datasheet HTML 5Page - Microchip Technology 28C04A/P Datasheet HTML 6Page - Microchip Technology 28C04A/P Datasheet HTML 7Page - Microchip Technology 28C04A/P Datasheet HTML 8Page - Microchip Technology 28C04A/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
28C04A
DS11126H-page 4
 2004 Microchip Technology Inc.
TABLE 1-4:
BYTE WRITE AC CHARACTERISTICS
FIGURE 1-2:
PROGRAMMING WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise/Fall Times:
20 nsec
Ambient Temperature:
Commercial (C): Tamb= 0°C to 70°C
Industrial
(I):
Tamb= -40°C to 85°C
Parameter
Symbol
Min
Max
Units
Remarks
Address Set-Up Time
tAS
10
ns
Address Hold Time
tAH
50
ns
Data Set-Up Time
tDS
50
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWPL
100
ns
Note 1
Write Pulse High Time
tWPH
50
ns
OE Hold Time
tOEH
10
ns
OE Set-Up Time
tOES
10
ns
Data Valid Time
tDV
1000
ns
Note 2
Write Cycle Time (28C04A)
tWC
1
ms
0.5 ms typical
Write Cycle Time (28C04AF)
tWC
200
µs
100
µs typical
Note 1: A write cycle can be initiated be CE or WE going low, whichever occurs last. The data is latched on the pos-
itive edge of CE or WE, whichever occurs first.
2: Data must be valid within 1000ns max. after a write cycle is initiated and must be stable at least until tDH
after the positive edge of WE or CE, whichever occurs first.
tAS
tAH
tWPL
tDS
tDH
tOES
tOEH
tDV
Address
CE, WE
Data In
OE
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com