Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237409 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237409
Description  SACC-M12-SCO NUT L 90X - Housing screw connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237409 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237409 Datasheet HTML 1Page - PHOENIX CONTACT 1237409 Datasheet HTML 2Page - PHOENIX CONTACT 1237409 Datasheet HTML 3Page - PHOENIX CONTACT 1237409 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Notes
Order information:
Lock nut is included in the scope of delivery
Product properties
Product type
Panel mounting base
Thread type
M12
Data management status
Article revision
02
Connection data
Tightening torque
1.5 ... 2 Nm
Material specifications
Material
Zinc die-cast (nickel-plated)
EPDM
Seal material
HNBR
Material of grip body
Zinc die-cast, nickel-plated
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA 6.6
Material for screw connection
Zinc die-cast, nickel-plated
Cable/line
-40 °C ... 85 °C (cable, fixed installation)
Ambient temperature (operation)
-25 °C ... 85 °C (Cable, flexible installation)
Environmental and real-life conditions
Ambient conditions
Degree of protection (when plugged in)
IP67 (correctly plugged in and locked)
Degree of protection
IP67 (correctly plugged in and locked)
-25 °C ... 85 °C (Plug / socket)
-40 °C ... 85 °C (without mechanical actuation)
-25 °C ... 85 °C (Cable, flexible installation)
Ambient temperature (operation)
-40 °C ... 85 °C (cable, fixed installation)
Standards and regulations
M12
Standards/specifications
IEC 61076-2-101
Mounting
Mounting type
Front mounting M12 x 1
SACC-M12-SCO NUT L 90X - Housing screw
connection
1237409
https://www.phoenixcontact.com/us/products/1237409
Jul 26, 2024, 5:59 AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com