Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237409 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237409
Description  SACC-M12-SCO NUT L 90X - Housing screw connection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237409 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237409 Datasheet HTML 1Page - PHOENIX CONTACT 1237409 Datasheet HTML 2Page - PHOENIX CONTACT 1237409 Datasheet HTML 3Page - PHOENIX CONTACT 1237409 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Housing screw connection, M12-SPEEDCON, Front mounting, M12 x 1, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Easy device integration, thanks to mechanical port screw connections with threaded fastening
•
Flexible PCB assembly: two-piece connectors for wave and THR soldering
•
SPEEDCON fast locking system reduces cabling times
•
Commercial data
Item number
1237409
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AB23
Product key
ABQAED
GTIN
4063151426026
Weight per piece (including packing)
7 g
Weight per piece (excluding packing)
6.9 g
Customs tariff number
79070000
Country of origin
DE
SACC-M12-SCO NUT L 90X - Housing screw
connection
1237409
https://www.phoenixcontact.com/us/products/1237409
Jul 26, 2024, 5:59 AM
Page 1 (4)


Similar Part No. - 1237409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237400 PHOENIX-1237400 Datasheet
630Kb / 16P
SACC-CI-M12FSD-4CON-SH TOR 32X - Contact carrier
1237402 PHOENIX-1237402 Datasheet
534Kb / 14P
SACC-CI-M12FSX-8CON-L180 TOR32X - Contact carrier
1237405 PHOENIX-1237405 Datasheet
340Kb / 9P
SACC-DSI-FSX-8CON-M16-L180 SCOX - Device connector, rear mounting
1237406 PHOENIX-1237406 Datasheet
239Kb / 7P
SACC-DSIV-FSD-4CON-L90 SCOX - Device connector rear mounting
More results

Similar Description - 1237409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1432460 PHOENIX-1432460 Datasheet
343Kb / 4P
Housing screw connection - SACC-M12-SCO NUT L 90
02/04/2022
1417989 PHOENIX-1417989 Datasheet
269Kb / 7P
SACC-DSIV-M12-NUT-9 THR - Housing screw connection
1454499 PHOENIX-1454499 Datasheet
188Kb / 3P
SACC-M12 NUT PRESS PPI - Housing screw connection
1551493 PHOENIX-1551493 Datasheet
307Kb / 7P
SACC-M12-SCO PLUG - Housing screw connection
1552243 PHOENIX-1552243 Datasheet
259Kb / 6P
SACC-M12-SCO NUT - Housing screw connection
1436709 PHOENIX-1436709 Datasheet
310Kb / 6P
SACC-M12-SCO PLUG L90 - Housing screw connection
1437889 PHOENIX-1437889 Datasheet
350Kb / 7P
SACC-M12 NUT PRESS - Housing screw connection
1249211 PHOENIX-1249211 Datasheet
210Kb / 6P
SACC-DSIV-M12-NUT-9 THR PPI - Housing screw connection
1233779 PHOENIX-1233779 Datasheet
214Kb / 6P
SACC-M12-PPI NUT L 90 - Housing screw connection
1416144 PHOENIX-1416144 Datasheet
277Kb / 7P
SACC-DSIV-M12-NUT - Housing screw connection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com