Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXM/6010/02/S/ST/0405/SM Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PXM/6010/02/S/ST/0405/SM
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM/6010/02/S/ST/0405/SM Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PXM/6010/02/S/ST/0405/SM Datasheet HTML 1Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 2Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 3Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 4Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 5Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 6Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
bulgin
a brand of Elektron Technology
PXM6011/S
PXM6012/S
PXM6010/P
Metal Version
√ Mates with Flex Cable
connector PXM6010
√ For in-line cable connection
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 and 22 pole
√ Screw and crimp termination
√ Cable braid termination
accessory option, add /SN suffix
√ Mates with In-Line Flex or Panel
Mounting versions PXM6011
and PXM6012
√ Push/pull locking ring with 30°
twist locking
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 and 22 pole
√ Screw and crimp termination
√ Cable braid termination
accessory option, add /SN suffix
FLEX CABLE CONNECTOR
IN-LINE FLEX CABLE CONNECTOR
√ Mates with Flex Cable
connectors PXM6010
√ Front panel mounting
√ Single hole fixing
√ Pin or socket versions
√ Leading earth on 3 pole
connectors
√ 2, 3, 8, 16 and 22 pole
√ Screw and crimp termination
FRONT PANEL MOUNTING CONNECTOR
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXM6010/02P/ST
PXM6010/02S/ST
Supplied Fitted
2
Crimp
PXM6010/02P/CR
PXM6010/02S/CR
Order Separately
3
Screw
PXM6010/03P/ST
PXM6010/03S/ST
Supplied Fitted
3
Crimp
PXM6010/03P/CR
PXM6010/03S/CR
Order Separately
8
Crimp
PXM6010/08P/CR
PXM6010/08S/CR
Order Separately
16
Crimp
PXM6010/16P/CR
PXM6010/16S/CR
Order Separately
22
Crimp
PXM6010/22P/CR
PXM6010/22S/CR
Order Separately
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXM6011/02P/ST
PXM6011/02S/ST
Supplied Fitted
2
Crimp
PXM6011/02P/CR
PXM6011/02S/CR
Order separately
3
Screw
PXM6011/03P/ST
PXM6011/03S/ST
Supplied Fitted
3
Crimp
PXM6011/03P/CR
PXM6011/03S/CR
Order separately
8
Crimp
PXM6011/08P/CR
PXM6011/08S/CR
Order separately
16
Crimp
PXM6011/16P/CR
PXM6011/16S/CR
Order separately
22
Crimp
PXM6011/22P/CR
PXM6011/22S/CR
Order separately
Poles
Termination
Pin Contacts
Socket Contacts
Contacts
2
Screw
PXM6012/02P/ST
PXM6012/02S/ST
Supplied Fitted
2
Crimp
PXM6012/02P/CR
PXM6012/02S/CR
Order separately
3
Screw
PXM6012/03P/ST
PXM6012/03S/ST
Supplied Fitted
3
Crimp
PXM6012/03P/CR
PXM6012/03S/CR
Order separately
8
Crimp
PXM6012/08P/CR
PXM6012/08S/CR
Order separately
16
Crimp
PXM6012/16P/CR
PXM6012/16S/CR
Order separately
22
Crimp
PXM6012/22P/CR
PXM6012/22S/CR
Order separately
Page 2 of 7
6000 Series Buccaneer®
bulgin.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com