Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXM/6010/02/S/ST/0405/SM Datasheet(PDF) 7 Page - Elektron Components Ltd.

Part # PXM/6010/02/S/ST/0405/SM
Description  Robust, instant connections for harsh environments
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PXM/6010/02/S/ST/0405/SM Datasheet(HTML) 7 Page - Elektron Components Ltd.

  PXM/6010/02/S/ST/0405/SM Datasheet HTML 1Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 2Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 3Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 4Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 5Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 6Page - Elektron Components Ltd. PXM/6010/02/S/ST/0405/SM Datasheet HTML 7Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
bulgin
a brand of Elektron Technology
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
3
6
9
12
15
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
3
6
9
12
15
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
1
2
3
4
5
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
1
2
3
4
5
10
20
30
40
50
60
70
80
90
100
110
120
130 140
0
1
2
3
4
5
Metal Version
The thermal properties of the materials used in
the construction of a connector limit the
current carrying capacity. There are a number
of factors that determine the amount of current
that can be handled: contact spacing, size of
cable, ambient temperature and the heat that
is generated by the current passing through
the connector.
The maximum current varies with different
contact layouts, and because of these factors
it is necessary to produce de-rating curves for
each pole variant. This de-rating curve is
specified in the standard IEC 60512 part 3.
De-rating curves are plotted for each contact
carrier combination with the current being
carried simultaneously by all contacts. These
graphs show the heat rise generated as the
current is increased.
The red line indicates the direct correlation
between current applied and the measured
temperature rise within the connector. The
dotted blue line shows rated current and the
green line is derived by applying a factor of
0.8 to the original plot data to give a de-rating
curve. The dashed blue line shows the rated
current.
The shaded area under the 0.8 curve shows
the permitted operating area,
and allows safe current vs ambient
temperature characteristics to be determined.
= tested operating limits
= de-rated operating limits
= rated current
CURRENT CARRYING CAPACITY
2 Pole, Metal Body, Crimp Terminal, 18 AWG wire
current applied through all pins simultaneously
Operating Area
3 Pole, Metal Body, Screw Terminal, 18 AWG wire
current applied through all pins simultaneously
Operating Area
8 Pole, Metal Body, Crimp Terminal, 18 AWG wire
current applied through all pins simultaneously
Operating Area
8 Pole, Metal Body, Crimp Terminal, 20 AWG wire
current applied through all pins simultaneously
Operating Area
16 Pole, Metal Body, Crimp Terminal, 22 AWG wire
current applied through all pins simultaneously
Operating Area
16 Pole, Metal Body, Crimp Terminal, 26 AWG wire
current applied through all pins simultaneously
Operating Area
22 Pole, Metal Body, Crimp Terminal, 26 AWG wire
current applied through all pins simultaneously
Operating Area
Ambient Temperature °C
Ambient Temperature °C
Ambient Temperature °C
Ambient Temperature °C
Ambient Temperature °C
Ambient Temperature °C
Ambient Temperature °C
Europe
Elektron Technology, Woodland Road, Torquay,
Devon UK TQ2 7AY
t: ++44 (0)1803 407700
e: europe@elektron-technology.com
The Americas
Elektron Technology, 5856 Corporate Ave, Suite 220,
Cypress, CA 90630
t: 760-343-3650
e: americas@elektron-technology.com
China and Asia
A2, No.23, Xin Buxin Road, Tongle Community,
Longgang Street, Longgang District, Shenzhen, China
t: +86 755 3328 8988
e: asia@elektron-technology.com
6000 Series Buccaneer®



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com