Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391-059-524-101 Datasheet(PDF) 2 Page - EDAC, All Rights Reserved.

Part # 391-059-524-101
Description  391 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

391-059-524-101 Datasheet(HTML) 2 Page - EDAC, All Rights Reserved.

  391-059-524-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 391-059-524-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 391-059-524-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.250
Dia.
6.35
0.116
I.D.
2.95
Floating Eyelets
0.328 8.33
0.005 0.13
Vertical Float
Between Tails
.045 [1.14] to .060 [1.52]
Outside Tails
.125 [3.18] to .210 [5.33]
.205 [5.21]
0.120 3.05
Between Tails
.045 [1.14] to .060 [1.52]
Outside Tails
.125 [3.18] to .185 [4.70]
0.095 2.41
0.190 4.82
0.343 8.71
0.165 4.19
Between Tails
.045 [1.14] to .060 [1.52]
Outside Tails
.125 [3.18] to .210 [5.33]
Code x01
Code x02
.128 [3.25] Dia
Through Holes
Code x03
Code x04
.156 [3.96] Dia
Through Holes
.010 [0.25]
Radial Float
Code x07
Code x08
M3-0.5 Metric
Threaded Insert
#4-40 UNC
Threaded Insert
560 Contact Code
556 Contact Code
555 Contact Code
Bend Detail
Mounting Options
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
341/391 Series Card Edge Connector
341 ENG MASTER
341 Assembly
2 OF 3
1
J.LEE
SEPT. 03/09
NTS
Bend Detail and Mounting Options



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com