Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391-059-524-101 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 391-059-524-101
Description  391 Series,Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

391-059-524-101 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  391-059-524-101 Datasheet HTML 1Page - EDAC, All Rights Reserved. 391-059-524-101 Datasheet HTML 2Page - EDAC, All Rights Reserved. 391-059-524-101 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.437 11.10
A
A
6.175 156.85
6.000 152.40
0.400 10.16
To .070 (1.78) Thick P.C. Board
Card Slot Accpets .054 (1.37)
0.295 7.49
Card Slot
0.125 3.18
Point of Contact
SECTION A-A
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
341/391 Series Card Edge Connector
Part Number: 391-059-524-101
341 ENG MASTER
341 Assembly
1 OF 3
1
J.LEE
SEPT. 03/09
NTS
Contact Detail
524-P.C. Tail .025x.013(0.64x0.33) - Tail LG.=.100(2.54)
Mounting Option
01-No Mounting Lugs
See Accompanying Pages for:
Contact Bend Details
•
Mounting Options
•
Features and Specifications
•
.100 [2.54] Contact Spacing x .140 [3.56] Row Spacing


Similar Part No. - 391-059-524-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
391-059-524-101 EDAC-391-059-524-101 Datasheet
532Kb / 3P
391 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results

Similar Description - 391-059-524-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
341-240-318 EDAC-341-240-318 Datasheet
105Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
391-SERIES EDAC-391-SERIES Datasheet
532Kb / 3P
391 Series Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-500-103 EDAC-341-005-500-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-520-107 EDAC-341-005-520-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-521-103 EDAC-341-005-521-103 Datasheet
139Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-522-102 EDAC-341-005-522-102 Datasheet
135Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-005-524-107 EDAC-341-005-524-107 Datasheet
136Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-103 EDAC-341-006-500-103 Datasheet
140Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-107 EDAC-341-006-500-107 Datasheet
137Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
341-006-500-108 EDAC-341-006-500-108 Datasheet
138Kb / 3P
Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.140" (3.56mm) Row Spacing | 0.437" (11.10mm) Insulator Height
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com