Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBRT Datasheet(PDF) 1 Page - Linear Technology

Part # LBRT
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBRT Datasheet(HTML) 1 Page - Linear Technology

  LBRT Datasheet HTML 1Page - Linear Technology LBRT Datasheet HTML 2Page - Linear Technology LBRT Datasheet HTML 3Page - Linear Technology LBRT Datasheet HTML 4Page - Linear Technology LBRT Datasheet HTML 5Page - Linear Technology LBRT Datasheet HTML 6Page - Linear Technology LBRT Datasheet HTML 7Page - Linear Technology LBRT Datasheet HTML 8Page - Linear Technology LBRT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3014
3014fb
IN
LT3014
SHDN
1
µF
VIN
5.4V TO
80V
OUT
ADJ
GND
3014 TA01
VOUT
5V
20mA
0.47
µF
3.92M
1.27M
VSHDN
<0.3V
>2.0V
OUTPUT
OFF
ON
400
350
300
250
200
150
100
50
0
3014 TA02
OUTPUT CURRENT (mA)
0
4
10 12
2
6
8
14 161820
■ Wide Input Voltage Range: 3V to 80V
■
Low Quiescent Current: 7
µA
■ Low Dropout Voltage: 350mV
■ Output Current: 20mA
■
LT3014HV Survives 100V Transients (2ms)
■ No Protection Diodes Needed
■ Adjustable Output from 1.22V to 60V
■
1
µA Quiescent Current in Shutdown
■ Stable with 0.47
µF Output Capacitor
■ Stable with Aluminum, Tantalum or Ceramic
Capacitors
■ Reverse-Battery Protection
■ No Reverse Current Flow from Output
■
Thermal Limiting
■ Available in 5-Lead ThinSOT
TM and
8-Lead DFN Packages
20mA, 3V to 80V
Low Dropout Micropower
Linear Regulator
5V Supply with Shutdown
Dropout Voltage
The LT
®3014 is a high voltage, micropower low dropout
linear regulator. The device is capable of supplying 20mA
of output current with a dropout voltage of 350mV. De-
signed for use in battery-powered or high voltage sys-
tems, the low quiescent current (7
µA operating and 1µA in
shutdown) makes the LT3014 an ideal choice. Quiescent
current is also well controlled in dropout.
Other features of the LT3014 include the ability to operate
with very small output capacitors. The regulators are
stable with only 0.47
µF on the output while most older
devices require between 10
µF and 100µF for stability.
Small ceramic capacitors can be used without the neces-
sary addition of ESR as is common with other regulators.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting and reverse
current protection.
The device is available as an adjustable device with a 1.22V
reference voltage. The LT3014 regulator is available in the
5-lead ThinSOT and 8-lead DFN packages.
■ Low Current High Voltage Regulators
■ Regulator for Battery-Powered Systems
■ Telecom Applications
■ Automotive Applications
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6118263, 6144250.


Similar Part No. - LBRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBR-123 ETC-LBR-123 Datasheet
194Kb / 4P
Reflective Object Sensor
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
logo
LETEX TECHNOLOGY CORP.
LBR-123 LETEX-LBR-123 Datasheet
359Kb / 3P
Reflective Object Sensor
LBR-123F LETEX-LBR-123F Datasheet
223Kb / 2P
Reflective Object Sensor
logo
List of Unclassifed Man...
LBR-123S ETC-LBR-123S Datasheet
194Kb / 4P
Reflective Object Sensor
More results

Similar Description - LBRT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B Datasheet
182Kb / 12P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B_15 Datasheet
223Kb / 16P
20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com