Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBRT Datasheet(PDF) 7 Page - Linear Technology

Part # LBRT
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBRT Datasheet(HTML) 7 Page - Linear Technology

Back Button LBRT Datasheet HTML 3Page - Linear Technology LBRT Datasheet HTML 4Page - Linear Technology LBRT Datasheet HTML 5Page - Linear Technology LBRT Datasheet HTML 6Page - Linear Technology LBRT Datasheet HTML 7Page - Linear Technology LBRT Datasheet HTML 8Page - Linear Technology LBRT Datasheet HTML 9Page - Linear Technology LBRT Datasheet HTML 10Page - Linear Technology LBRT Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3014
3014fb
The LT3014 is a 20mA high voltage low dropout regulator
with micropower quiescent current and shutdown. The
device is capable of supplying 20mA at a dropout voltage
of 350mV. The low operating quiescent current (7
µA)
drops to 1
µA in shutdown. In addition to the low quiescent
current, the LT3014 incorporates several protection fea-
tures which make it ideal for use in battery-powered
systems. The device is protected against both reverse
input and reverse output voltages. In battery backup
applications where the output can be held up by a backup
battery when the input is pulled to ground, the LT3014 acts
like it has a diode in series with its output and prevents
reverse current flow.
Adjustable Operation
The LT3014 has an output voltage range of 1.22V to 60V.
The output voltage is set by the ratio of two external
resistors as shown in Figure 2. The device servos the
output to maintain the voltage at the adjust pin at 1.22V
referenced to ground. The current in R1 is then equal to
1.22V/R1 and the current in R2 is the current in R1 plus
the ADJ pin bias current. The ADJ pin bias current, 4nA
at 25
°C, flows through R2 into the ADJ pin. The output
voltage can be calculated using the formula in Figure 1.
The value of R1 should be less than 1.62M to minimize
errors in the output voltage caused by the ADJ pin bias
current. Note that in shutdown the output is turned off
and the divider current will be zero. The device is tested
and specified with the ADJ pin tied to the OUT pin and a
5
µA DC load (unless otherwise specified) for an output
voltage of 1.22V. Specifications for output voltages greater
APPLICATIO S I FOR ATIO
than 1.22V will be proportional to the ratio of the desired
output voltage to 1.22V (VOUT/1.22V). For example, load
regulation for an output current change of 1mA to 20mA
is –13mV typical at VOUT = 1.22V. At VOUT = 12V, load
regulation is:
(12V/1.22V) • (–13mV) = –128mV
IN
LT3014
VIN
OUT
ADJ
GND
3014 F01
VOUT
R2
R1
+
R2
R1
VOUT = 1.22V
VADJ = 1.22V
IADJ = 4nA AT 25°C
OUTPUT RANGE = 1.22V TO 60V
+ (IADJ)(R2)
1 +
()
•
Figure 1. Adjustable Operation
ADJ (Pin 4/Pin 2): Adjust. This is the input to the error
amplifier. This pin is internally clamped to
±7V. It has a
bias current of 4nA which flows into the pin (see curve of
ADJ Pin Bias Current vs Temperature in the Typical Perfor-
mance Characteristics). The ADJ pin voltage is 1.22V
referenced to ground, and the output voltage range is
1.22V to 60V.
PI FU CTIO S (SOT-23 Package/DD Package)
OUT (Pin 5/Pin 1): Output. The output supplies power to
the load. A minimum output capacitor of 0.47
µF is re-
quired to prevent oscillations. Larger output capacitors
will be required for applications with large transient loads
to limit peak voltage transients. See the Applications
Information section for more information on output ca-
pacitance and reverse output characteristics.
Output Capacitance and Transient Response
The LT3014 is designed to be stable with a wide range of
output capacitors. The ESR of the output capacitor affects
stability, most notably with small capacitors. A minimum
output capacitor of 0.47
µF with an ESR of 3Ω or less is
recommended to prevent oscillations. The LT3014 is a
micropower device and output transient response will be
a function of output capacitance. Larger values of output
capacitance decrease the peak deviations and provide
improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT3014, will increase the
effective output capacitor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com