Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5SW Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # CAT5SW
Description  HyperLink Wireless brand Compact Weather Resistant 10/100 Base-T CAT5 Lightning Surge Protector with Screw Terminal Strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAT5SW Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  CAT5SW Datasheet HTML 1Page - Infinite Electronics International, Inc. CAT5SW Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Cisco Compatible
This lightning surge protector is compatible with Cisco Aironet® 1100 and 1200 series access points, DC Injectors and other
equipment supporting reverse polarity PoE pinouts.
Specifications
Electrical Specifications
Ethernet Connectors
(4) Screw Terminal Blocks
PoE Clamping Voltage
58 Volts
Mechanical Specifications
Enclosure Material
PVC
Enclosure Color
Gray
Ground Lug
12 AWG Max.
Operating Temperature
-40 C (-40 F) to +80 C (+176 F)
Weight
.27 lbs. (.12 kg)
Dimensions (WxHxL)
3.06 x 1.93 x 4.06 (inches)
78 x 49 x 103 (mm)
RoHS Compliant
Yes
Guaranteed Quality
This product is backed by L-com's Limited Warranty.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com