Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5SW Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CAT5SW
Description  HyperLink Wireless brand Compact Weather Resistant 10/100 Base-T CAT5 Lightning Surge Protector with Screw Terminal Strips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CAT5SW Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CAT5SW Datasheet HTML 1Page - Infinite Electronics International, Inc. CAT5SW Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless brand Compact Weather
Resistant 10/100 Base-T CAT5 Lightning Surge
Protector with Screw Terminal Strips
Features
10/100 Base-T CAT5 protection
802.3af Modes A and B Power-Over-Ethernet compatible
Protects 4 data pairs
For non-PoE applications unit protects two CAT5 lines or IP Cameras
Supports use of shielded CAT5 cable
Cisco® Reverse Polarity PoE compatible
Screw terminal blocks
Impact and weather resistant
Locking hinged cover
RoHS Compliant
Model AL-CAT5SW
Description
Power-Over-Ethernet (PoE) Compatible
The AL-CAT5SW is a Compact Weather Resistant Lightning Protector which provides lightning and surge protection for CAT5 data
applications. The unit is fully compatible with industry-standard Power-over-Ethernet (PoE) devices and 10/100 Base-T Ethernet
networks, providing protection to both Ethernet data pairs as well as the PoE DC power feed. The unit supports both modes A
and B of the 802.3af standard for of supplying DC power. Power can be fed up the CAT5 data pairs, 1-2, 3-6 or using the two
unused pairs, 4-5, 7-8.
High speed semiconductors clamp any voltage, positive or negative on the wires. The limits are +/- 58 volts on the four cable
pairs. The unit is compatible with both normal and inverted polarity voltage PoE equipment. For maximum protection two AL-
CAT5SW units should be used, one at each end of the CAT5 cable.
This Lightning Protector is compatible with both 10 Base-T and 100-Base devices as well as Power-over-Ethernet (PoE) devices,
including Wireless Access Points, Wireless Client Devices, Access Servers, Outdoor Routers and IP Cameras. A ground lug and
terminal is provided in the lightning protector housing providing superior grounding. The unit also supports the use of shielded
CAT5 cable.
For non-PoE applications this protector can be used for two CAT5 cables, 2-pairs in each cable. Applications include twin IP
camera installations and network devices with dual CAT5 ports.
Optional versions of this unit can be used to protect Telephone and DSL lines as well as
balanced data lines like RS-422/485. The unit will protect up to four balanced twisted
pairs. Please consult the factory for custom versions of the unit. Minimum quantity
requirements apply.
The compact weather resistant housing features a lockable hinged cover and break-away
holes are provided on the rear of the enclosure for mounting. The cable grommet may be
adjusted to cable size and are removable.


Similar Part No. - CAT5SW

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
CAT5SHPW L-COM-CAT5SHPW Datasheet
167Kb / 3P
Weatherproof High Power 10/100 Base-T CAT5 Lightning and Surge Protector Model: AL-CAT5SHPW
CAT5SJW L-COM-CAT5SJW Datasheet
169Kb / 2P
HyperLink Wireless brand Weather Resistant 10/100 Base-T CAT5 PoE Compatible Lightning Surge Protector
CAT5SJW24 L-COM-CAT5SJW24 Datasheet
175Kb / 2P
HyperLink Wireless brand Weather Resistant 24V PoE Compatible 10/100 Base-T CAT5 Lightning and Surge Protector
More results

Similar Description - CAT5SW

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICM6281GT ADAM-TECH-ICM6281GT Datasheet
209Kb / 2P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
ICM-624-1-GT ADAM-TECH-ICM-624-1-GT Datasheet
114Kb / 1P
SCREW MACHINE SOCKETS & TERMINAL STRIPS
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
Compact Circuit Protector Base
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
392Kb / 1P
10/100BaseT(X) Ethernet Surge and Lightning Protector
logo
Laird Tech Smart Techno...
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
logo
Bourns Electronic Solut...
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
SM91073AL BOURNS-SM91073AL Datasheet
489Kb / 4P
10/100 Base-T Transformer
logo
Microsemi Corporation
PD-OUT MICROSEMI-PD-OUT Datasheet
1Mb / 2P
Outdoor PoE Lightning Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com