Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE035P40GU Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE035P40GU
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE035P40GU Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE035P40GU Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE035P40GU Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE035P40GU Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE035P40GU Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE035P40GU Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE035P40GU Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wuxi NCE Power Co., Ltd
Page
V1.0
1
NCE035P40GU
http://www.ncepower.com
NCE P-Channel Enhancement Mode Power MOSFET
Description
The NCE035P40GU uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
Application
Load switch
Battery protection
100% UIS TESTED!
100% ΔVds TESTED!
General Features
VDS =-40V,ID =-130A
RDS(ON) < 3.5mΩ @ VGS=-10V
RDS(ON) < 6.0mΩ @ VGS=-4.5V
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
035P40GU
NCE035P40GU
DFN 5x6 -8L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-130
A
Pulsed Drain Current
IDM
-520
A
Maximum Power Dissipation
PD
120
W
Single pulse avalanche energy (Note 5)
EAS
650
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Case(Note 2)
RθJC
1.04
/W
Bottom View
Top View
DFN 5X6-8L
Schematic Diagram


Similar Part No. - NCE035P40GU

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE035N30G NCEPOWER-NCE035N30G Datasheet
756Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
NCE035N30K NCEPOWER-NCE035N30K Datasheet
759Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
V1.0
More results

Similar Description - NCE035P40GU

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE2301A NCEPOWER-NCE2301A Datasheet
342Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE2301C NCEPOWER-NCE2301C Datasheet
328Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com