Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K100PLRGB7Q. Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # K100PLRGB7Q.
Description  Pro Indicator Beacon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100PLRGB7Q. Datasheet(HTML) 6 Page - Banner Engineering Corp.

  K100PLRGB7Q. Datasheet HTML 1Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 2Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 3Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 4Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 5Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
May 26, 2023
page 6
K100 Pro Indicator Beacon – DC Datasheet
•
•
•
•
•
•
•
•
•
•
•
•
Elevated Mount System
Model
Features
Components
Black Anodized Alu-
minum
¾ in. NPT
Black Anodized Aluminum
½ in. NPT
Clear Anodized Alu-
minum
½ in. NPT
SOP-E34-150A
150
mm (6 in) long
SOP-E12-150A 150 mm
(6 in) long
SOP-E12-150AC 150
mm (6 in) long
Elevated-use stand-off pipe
Black anodized aluminum or clear an-
odized aluminum surface
Threaded at both ends
Compatible with most industrial environ-
ments
SOP-E34-300A 300
mm (12 in) long
SOP-E12-300A 300 mm
(12 in) long
SOP-E12-300AC 300
mm (12 in) long
SOP-E34-600A 600
mm (24 in) long
SOP-E12-600A 600 mm
(24 in) long
—
SOP-E34-900A 900
mm (36 in) long
SOP-E12-900A 900 mm
(36 in) long
SOP-E12-900AC 900
mm (36 in) long
SA-M36E12
Adapter from M36 thread to 12-14 NPSM
thread
Streamlined black plastic mounting base
adapter/cover
Drilled hole
SA-M36SOP
M36 thread adapter with clearance for ¾
pipe mount
Streamlined black plastic mounting base
adapter/cover
Drilled hole
Pipe Mounting Flange
Model
Features
Construction
SA-F12
Elevated-use stand-off pipes (½ in, NPSM/
DN15)
M5 mounting hardware and nitrile gasket
included
Die-cast zinc base with black
paint
10
ø28
ø70
4x ø5.5
54
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of ship-
ment. Banner Engineering Corp. will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the
factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability for misuse, abuse, or the
improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUD-
ING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER
ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BAN-
NER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES,
LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT
DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE,
TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or lia-
bilities relating to any product previously manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installa-
tion of this product or use of the product for personal protection applications when the product is identified as not intended for such purposes
will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the prod-
uct warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product specifications
or update documentation at any time. Specifications and product information in English supersede that which is provided in any other lan-
guage. For the most recent version of any documentation, refer to: www.bannerengineering.com.
For patent information, see www.bannerengineering.com/patents.
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com