Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K100PLRGB7Q. Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # K100PLRGB7Q.
Description  Pro Indicator Beacon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K100PLRGB7Q. Datasheet(HTML) 5 Page - Banner Engineering Corp.

  K100PLRGB7Q. Datasheet HTML 1Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 2Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 3Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 4Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 5Page - Banner Engineering Corp. K100PLRGB7Q. Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
K100 Pro Indicator Beacon – DC Datasheet
May 26, 2023
page 5
•
•
•
•
•
•
•
•
•
•
•
•
•
CSB-M1251FM1251M
5-pin parallel Y splitter (Male-Male-Female)
For full Pro Editor preview capability
Requires external power supply, sold separately
PSW-24-1
24 V DC, 1 A power supply
2 m (6.5 ft) PVC cable with M12 quick disconnect
Provides external power with splitter cable, sold separately
ACC-PRO-CABLE5
Mating accessory for cabled and terminal models
150 mm (6 inch) PVC cable with M12 quick disconnect
Lever wire nuts included (qty 5)
Required to connect cabled models and screw terminal models to Pro Converter Cable,
sold separately
x5
Cordsets
5-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.5 m (1.5 ft)
Straight
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-503
0.9 m (2.9 ft)
MQDC1-506
2 m (6.5 ft)
MQDC1-515
5 m (16.4 ft)
MQDC1-530
9 m (29.5 ft)
MQDC1-560
18 m (59 ft)
MQDC1-5100
31 m (101.7 ft)
MQDC1-506RA
2 m (6.5 ft)
Right-Angle
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
5 m (16.4 ft)
MQDC1-530RA
9 m (29.5 ft)
MQDC1-560RA
19 m (62.3 ft)
Brackets
LMB36RA
Indicator light right-angle mounting
36 mm mounting hole
Stainless steel
70
50.8
65
25.4
4 X Ø6.5
62.5
Ø36.5
© Banner Engineering Corp.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com