Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7211 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # AS7211
Description  Smart Daylighting Manager with Fully Integrated Daylight Sensor, Control and Network Interfaces
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7211 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button AS7211 Datasheet HTML 17Page - OSRAM GmbH AS7211 Datasheet HTML 18Page - OSRAM GmbH AS7211 Datasheet HTML 19Page - OSRAM GmbH AS7211 Datasheet HTML 20Page - OSRAM GmbH AS7211 Datasheet HTML 21Page - OSRAM GmbH AS7211 Datasheet HTML 22Page - OSRAM GmbH AS7211 Datasheet HTML 23Page - OSRAM GmbH AS7211 Datasheet HTML 24Page - OSRAM GmbH AS7211 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-23
AS7211 − Detailed Description
Figure 24:
I²C Page Write
The transmission begins with the START condition, which is
generated by the master when the bus is in IDLE state (the bus
is free). The device-write address is followed by the word
address. After the word address any number of data bytes can
be sent to the slave. The word address is incremented internally,
in order to write subsequent data bytes on subsequent address
locations.
For reading data from the slave device, the master has to change
the transfer direction. This can be done either with a repeated
START condition followed by the device-read address, or simply
with a new transmission START followed by the device-read
address, when the bus is in IDLE state. The device-read address
is always followed by the 1st register byte transmitted from the
slave. In Read Mode any number of subsequent register bytes
can be read from the slave. The word address is incremented
internally.
I²C Read Access
Random, Sequential and Current Address Read are used to read
data from the slave.
Figure 25:
I²C Random Read
Random Read and Sequential Read are combined formats. The
repeated START condition is used to change the direction after
the data transfer from the master.
The word address transfer is initiated with a START condition
issued by the master while the bus is idle. The START condition
is followed by the device-write address and the word address.
S
SW
A
WA
Data 1
A P
A
Write WA++
……..
A
Data n
A
Write WA++
Write WA++
S
SW
A
WA
Data
N P
A
WA++
S
r
SR
A
read WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com