Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDAL Datasheet(PDF) 2 Page - Chip Quik Inc.

Part # SMDAL
Description  Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (10g syringe)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMDAL Datasheet(HTML) 2 Page - Chip Quik Inc.

  SMDAL Datasheet HTML 1Page - Chip Quik Inc. SMDAL Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended Profile
Reflow profile for Sn96.5/Ag3.5 solder assembly, designed as a starting point for process optimization.
Application Notes
SMDAL solder paste uses a special stronger flux to break down the aluminum oxide layer when it is heated (activated). You
need to apply sufficient heat in a short enough amount of time to activate the flux in the solder paste, and then heat your
aluminum to 260°C to 300°C, and do that within 4 to 5 minutes. The solder paste itself needs to reach at least 249°C (as per
our recommended reflow profile) to fully melt, but you will usually need to heat your aluminum hotter than this. Also, make
sure to measure the temperature of the aluminum, and not the surrounding air. Heating the aluminum to 260°C to 300°C, or
even a little hotter will help the aluminum accept the solder and form a strong intermetallic bond with the Tin/Silver alloy in the
SMDAL solder paste.
The biggest factor in success in soldering to aluminum with the SMDAL is getting enough heat into the aluminum in a short
amount of time, before all the flux activity in the SMDAL is used up.
Test Results
Test J-STD-004 or other
requirements as stated
Test Requirement
Result
Viscosity – Malcom @ 10 RPM/25°C
(x103mPaꞏs)
IPC-TM-650: 2.4.34.4
300-500
Conflict Minerals Compliance
Electronic Industry Citizenship
Coalition (EICC)
Compliant
REACH Compliance
Articles 33 and 67 of Regulation (EC)
No 1907/2006
Contains no substance >0.1% w/w that
is listed as a SVHC or restricted for
use in solder materials
Conforms to the following Industry Standards:
J-STD-004B, Amendment 1 (Solder Fluxes):
Yes
J-STD-005A (Solder Pastes):
Yes
J-STD-006C, Amendments 1 & 2 (Solder Alloys and Fluxed/Non-Fluxed Solders):
Yes
RoHS 3 Directive (EU) 2015/863:
Yes
2
© 1994-2023 Chip Quik® Inc.
25°C (77°F)
0sec
150°C (302°F)
175°C (347°F)
221°C (430°F)
249°C (480°F)
90sec
180sec
210sec
240sec
270sec
Time
Temperature



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com