Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDAL Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # SMDAL
Description  Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (10g syringe)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMDAL Datasheet(HTML) 1 Page - Chip Quik Inc.

  SMDAL Datasheet HTML 1Page - Chip Quik Inc. SMDAL Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.1
www.chipquik.com
Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (10g syringe)
Product Highlights
Used for soldering Aluminum to Aluminum, Aluminum to
Copper, Aluminum to Brass, Aluminum to plated terminals
Printing speeds up to 100mm/sec
Long stencil life
Wide process window
Compatible with enclosed print heads
RoHS 3 and REACH compliant
Specifications
Alloy:
Sn96.5/Ag3.5
Mesh Size:
T3
Micron (µm) Range:
25-45
Flux Type:
Synthetic Water-Soluble
Flux Classification:
ROM1 (Water Soluble, Must be cleaned off post-use using Hot Water (60°C+) or IPA)
Metal Load:
75% Metal by Weight
Melting Point:
221°C (430°F)
Packaging:
5cc/10g Syringe
Shelf Life:
Refrigerated >12 months, Unrefrigerated >6 months *See notes below:
*Shelf Life Notes: Chip Quik® solder paste is good past its quoted shelf life, regardless of refrigeration. Before use, visually
inspect the solder paste to ensure it is not dried out or clumpy, or check stencil release. If stored in a jar, stir the product
thoroughly for 2-3 minutes before inspection and use.
Chip Quik® solder paste is manufactured using Made in USA high quality synthetic flux and precision atomized metal
powder. Chip Quik® solder paste is guaranteed for 12 months from date of manufacture, regardless of refrigeration. If you
have any issues with our solder paste, please contact Chip Quik® directly for no charge warranty replacement. Please retain
original bill of sale, and solder paste in original container as we may request its return for internal R&D testing purposes.
Printer Operation
Print Speed: 25-100mm/sec
Squeegee Pressure: 70-250g/cm of blade
Under Stencil Wipe: Once every 10-25 prints, or as necessary
Stencil Life
>12 hours @ 20-50% RH 22-28°C (72-82°F)
>4 hours @ 50-70% RH 22-28°C (72-82°F)
Stencil Cleaning
Automated stencil cleaning systems for both stencil and misprinted boards. Manual cleaning using isopropyl alcohol (IPA).
Storage and Handling
Refrigerate at 3-8°C (37-46°F). Do not freeze. Allow 4 hours for solder paste to reach an operating temperature of 20-25°C
(68-77°F) before use.
Transportation
This product has no shipping restrictions. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground
or air will not impact this product’s stated shelf life.
1
© 1994-2023 Chip Quik® Inc.
S
SM
MD
DA
AL
L


Similar Part No. - SMDAL

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
SMDAL10 CHIPQUIK-SMDAL10 Datasheet
198Kb / 2P
Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (25g syringe)
revision 1.1
SMDAL200 CHIPQUIK-SMDAL200 Datasheet
197Kb / 2P
Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (200g jar)
revision 1.1
SMDAL400C CHIPQUIK-SMDAL400C Datasheet
196Kb / 2P
Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (400g cartridge)
revision 1.1
SMDAL50 CHIPQUIK-SMDAL50 Datasheet
196Kb / 2P
Aluminum Solder Paste Water-Soluble Sn96.5/Ag3.5 T3 (50g jar)
revision 1.1
More results

Similar Description - SMDAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD291AX10T5 ETC2-SMD291AX10T5 Datasheet
78Kb / 1P
Type?? Solder Paste in 10cc Syringes For Fine Pitch Soldering
logo
Cree, Inc
C450EZ1400-S80000-2 CREE-C450EZ1400-S80000-2 Datasheet
309Kb / 5P
EZBright LED Technology Conductive Epoxy, Solder Paste or Preforms, or Flux
450TR5050M-S18000 CREE-450TR5050M-S18000 Datasheet
375Kb / 5P
High-Reliability Eutectic, Solder Paste or Preforms
logo
SCHOTT CORPORATION
37194 SCHOTT-37194 Datasheet
2Mb / 1P
T3 PACKAGE
logo
List of Unclassifed Man...
22460 ETC2-22460 Datasheet
210Kb / 3P
Lead-Free No Clean Solder Paste
logo
XFMRS Inc.
XF0606Q1 XFMRS-XF0606Q1 Datasheet
87Kb / 1P
T3 TRANSFORMER
logo
List of Unclassifed Man...
RMA-218 ETC2-RMA-218 Datasheet
135Kb / 1P
Solder paste (flux) KINBO RMA-218 10g
logo
3M Electronics
5414 3M-5414 Datasheet
115Kb / 3P
3M™ Water-Soluble Wave Solder Tape 5414, Transparent
Apr-2017
logo
List of Unclassifed Man...
M705-GRN360-MZ ETC-M705-GRN360-MZ Datasheet
835Kb / 12P
High-Reliability, High-Preheat Resistance Lead-Free Solder Paste
May..2006
M705-GRN360-K1-V ETC-M705-GRN360-K1-V Datasheet
397Kb / 9P
High-Reliability Lead-Free Solder Paste
July.2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com