Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4975 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4975 Datasheet HTML 1Page - STMicroelectronics TS4975 Datasheet HTML 2Page - STMicroelectronics TS4975 Datasheet HTML 3Page - STMicroelectronics TS4975 Datasheet HTML 4Page - STMicroelectronics TS4975 Datasheet HTML 5Page - STMicroelectronics TS4975 Datasheet HTML 6Page - STMicroelectronics TS4975 Datasheet HTML 7Page - STMicroelectronics TS4975 Datasheet HTML 8Page - STMicroelectronics TS4975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TS4975
Electrical Characteristics
5/36
3
Electrical Characteristics
Table 3.
Electrical characteristics for the I²C interface
Table 4.
Output noise (all inputs grounded)
Symbol
Parameter
Value
Unit
VIL
Maximum Low level Input Voltage on pins SDA, SCL, VADD
0.3 VCC
V
VIH
Minimum High Level Input Voltage on pins SDA, SCL, VADD
0.7 VCC
V
FSCL
SCL Maximum clock Frequency
400
kHz
Vol
Max Low Level Output Voltage, SDA pin, Isink =3mA
0.4
V
Ii
Max Input current on SDA, SCL(1)
from 0.1 VCC to 0.9 VCC
1.
SCL and SDA are CMOS inputs. The nominal input current is about few pA and not 10uA. 10µA refer to the I2C
bus specification.
10
µA
Unweighted Filter
from VCC = 2.5V to 5V
Weighted Filter (A)
from VCC = 2.5V to 5V
SE, G = +2dB
34µVrms
23µVrms
SE, G = +18dB
67µVrms
45µVrms
PHG, G = +2dB
34µVrms
23µVrms
PHG, G = +18dB
67µVrms
45µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com