Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4975 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4975
Description  Stereo Headphone Drive Amplifier with Digital Volume Control via I2C Bus
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4975 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4975 Datasheet HTML 27Page - STMicroelectronics TS4975 Datasheet HTML 28Page - STMicroelectronics TS4975 Datasheet HTML 29Page - STMicroelectronics TS4975 Datasheet HTML 30Page - STMicroelectronics TS4975 Datasheet HTML 31Page - STMicroelectronics TS4975 Datasheet HTML 32Page - STMicroelectronics TS4975 Datasheet HTML 33Page - STMicroelectronics TS4975 Datasheet HTML 34Page - STMicroelectronics TS4975 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
TS4975
Application Information
31/36
4.8
Startup time
When the TS4975 is controlled to switch from full standby (output mode 0) to another output
mode, a delay is necessary to stabilize the DC bias.This length of this delay depends on the Cb
and VCC values. A typical value can be calculated by following formula:
This formula assumes that Cb voltage is equal to 0 V. If the Cb voltage is not equal 0 V, the
startup time will be always lower.
In
Figure 63 you could easily establish typical startup time for given supply voltage and bypass
capacitor Cb.
Figure 63. Typical startup time versus bypass capacitance
4.9
Pop and click performance
The TS4975 has internal pop and click reduction circuitry which eliminates the output
transients, for example during switch-on or switch-off phases, during a switch from an output
mode to another or during change in volume. The performance of this circuitry is closely linked
to the values of the input capacitor Cin, the output capacitor Cout (for Single-Ended
configuration) and the bias voltage bypass capacitor Cb.
The value of Cin and Cout is determined by the lower cut-off frequency value requested. The
value of Cb will affect the THD+N and PSRR values in lower frequencies.
The TS4975 is optimized to have a low pop and click in the typical schematic configuration (see
Figure 1 on page 3 and Figure 2 on page 4).
During the device start-up period when the pop and click reduction is active, the value $Fxh
(1111xxxx binary) can be read from the internal device registry.
Once the device is fully operational and the pop and click is inactive, the last value of control
register can be read.
t
wu
C
b
V
CC
V
CC
1.2
–
-------------------------
×
50000
0.008 s
()
+
×
=
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
50
100
150
200
250
300
350
400
Vcc=2.5V
Vcc=3.3V
Bypass capacitor Cb (
µF)
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com