Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSMC Datasheet(PDF) 16 Page - ITT Industries

Part # SSMC
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMC Datasheet(HTML) 16 Page - ITT Industries

Back Button SSMC Datasheet HTML 12Page - ITT Industries SSMC Datasheet HTML 13Page - ITT Industries SSMC Datasheet HTML 14Page - ITT Industries SSMC Datasheet HTML 15Page - ITT Industries SSMC Datasheet HTML 16Page - ITT Industries SSMC Datasheet HTML 17Page - ITT Industries SSMC Datasheet HTML 18Page - ITT Industries SSMC Datasheet HTML 19Page - ITT Industries SSMC Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
120
RF Coaxial Connectors
Assembly Instructions
AI-472 & BAI-015
SMB & SMS Right Angle Connectors, Crimp Type for Braided Cable
1. Trim cable to dimensions shown taking care not to nick braid or center conductor. Tin center
conductor (DO NOT OVER TIN) then slip crimp ferrule (and tubing with SMS) over cable with
inspection hole toward trimmed end.
2. Insert trimmed cable into back end of body. The tubular body extension will slide under the braid
with the rear portion of extension fitting under the jacket as shown. The center conductor will
extend into slot in contact.
NOTE: On smaller diameter cables, two longitudinal slits in the jacket, 180
° apart, may be cut to
ease assembly.
3. Slip ferrule up over braid to face of square body and crimp, using ITT Cannon Crimp Tool and
suitable die set (see table).
4. Using a small soldering iron solder center conductor to contact.
NOTE: The center conductor should not protrude beyond the contact to touch the body. Solder
should not protrude beyond the slotted section of the contact.
5. Locate the cap in rear of body and dimple or lightly punch to ensure it is locked in position. (A flat
punch is recommended).
6. On SMS slip tubing over the ferrule and heat until the shrinkable tubing fits smoothly around the
cable.
Only common cable retention features are shown in detail. Various body configurations can apply.
CRIMP FERRULE
CAP
BODY
Assembly Instruction No.
A
B
C
BAI-015
10,00 (.393)
4,00 (.157)
1,50 (.059)
AI-472
11,10 (.437)
4,37 (.172)
0,79 (.031)
Cable Type
Cable Code
Die Size
RG142/U
9052
5,41 (.213)
RG196/U
3196
2,67 (.105)
RG316/U
0000
3,25 (.128)
RG316/U
3188/9416
3,25 (.128)
RD316
9399
3,84 (.151)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com