Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSMC Datasheet(PDF) 14 Page - ITT Industries

Part # SSMC
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMC Datasheet(HTML) 14 Page - ITT Industries

Back Button SSMC Datasheet HTML 10Page - ITT Industries SSMC Datasheet HTML 11Page - ITT Industries SSMC Datasheet HTML 12Page - ITT Industries SSMC Datasheet HTML 13Page - ITT Industries SSMC Datasheet HTML 14Page - ITT Industries SSMC Datasheet HTML 15Page - ITT Industries SSMC Datasheet HTML 16Page - ITT Industries SSMC Datasheet HTML 17Page - ITT Industries SSMC Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
118
RF Coaxial Connectors
Assembly Instructions
AI-302
SMA Straight Connectors, Direct Solder (Cable Conductor used as Center Contact) Type for Semi-Rigid Cable
1. Trim the cable outer conductor and dielectric as shown taking care not to nick the center conductor
using Tool T2624, if available, or other cable cutting tool. Deburr outer conductor at point of cut.
‘A’ = 2,16
± 0,13 (.085 ± .005)
2. Point the end of the center conductor using Tool T2297 if available or a miniature file.
3. If style - 9073 is being assembled slip the coupling nut onto the cable.
4. Clean housing area of outer conductor with abrasive paper and clean in a suitable agent. Place 24
s.w.g. soldering ring and connector body on prepared end of cable. Ensure body is correct way
round. End of cable to be flush with end of connector body as shown.
Using Assembly Jig T1848, or other suitable clamping arrangement, clamp in a vertical position.
Heat the connector body using an appropriate heat source (solder tongs with variable control).
Apply sufficient heat for solder to flow but using minimum heat cycle.
5. Compress expanded dielectric back into cable outer conductor with Dielectric Compression Tool
as shown, until it is flush with end of body and outer conductor.
6. Fit the interface seal.
7. Install the spring retaining ring, compress with tool T0557/1 and fit the coupling nut.
BODY
RETAINING
RING
INTERFACE
SEAL
COUPLING
NUT
DIELECTRIC
COMPRESSION TOOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com