Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4008EC-25L/XT Datasheet(PDF) 14 Page - Austin Semiconductor

Part # AS5C4008EC-25L/XT
Description  512K x 8 SRAM SRAM MEMORY ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008EC-25L/XT Datasheet(HTML) 14 Page - Austin Semiconductor

Back Button AS5C4008EC-25L/XT Datasheet HTML 9Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 10Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 11Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 12Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 13Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 14Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 15Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 16Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 17Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SRAM
AS5C4008
Austin Semiconductor, Inc.
AS5C4008
Rev. 5.5 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
14
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
**DEFINITION OF OPTIONS
2V Data Retention/Low Power
L
Device
Number
Package
Type
Speed
ns
Options** Process
Device
Number
Package
Type
Speed
ns
Options** Process
AS5C4008
CW
-15
L
/*
AS5C4008
ECA
-15
L
/*
AS5C4008
CW
-17
L
/*
AS5C4008
ECA
-17
L
/*
AS5C4008
CW
-20
L
/*
AS5C4008
ECA
-20
L
/*
AS5C4008
CW
-25
L
/*
AS5C4008
ECA
-25
L
/*
AS5C4008
CW
-35
L
/*
AS5C4008
ECA
-35
L
/*
AS5C4008
CW
-45
L
/*
AS5C4008
ECA
-45
L
/*
Device
Number
Package
Type
Speed
ns
Options** Process
Device
Number
Package
Type
Speed
ns
Options** Process
AS5C4008
AS5C4008
EC
ECJ
-15
-15
L
L
/*
/*
AS5C4008
F
-15
L
/*
AS5C4008
AS5C4008
EC
ECJ
-17
-17
L
L
/*
/*
AS5C4008
F
-17
L
/*
AS5C4008
AS5C4008
EC
ECJ
-20
-20
L
L
/*
/*
AS5C4008
F
-20
L
/*
AS5C4008
AS5C4008
EC
ECJ
-25
-25
L
L
/*
/*
AS5C4008
F
-25
L
/*
AS5C4008
AS5C4008
EC
ECJ
-35
-35
L
L
/*
/*
AS5C4008
F
-35
L
/*
AS5C4008
AS5C4008
EC
ECJ
-45
-45
L
L
/*
/*
AS5C4008
F
-45
L
/*
EXAMPLE: AS5C4008CW-25L/883C
EXAMPLE: AS5C4008F-45L/883C
EXAMPLE: AS5C4008EC-20/883C
EXAMPLE: AS5C4008ECA-45/883C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com