Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4008EC-25L/XT Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS5C4008EC-25L/XT
Description  512K x 8 SRAM SRAM MEMORY ARRAY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5C4008EC-25L/XT Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS5C4008EC-25L/XT Datasheet HTML 8Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 9Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 10Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 11Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 12Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 13Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 14Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 15Page - Austin Semiconductor AS5C4008EC-25L/XT Datasheet HTML 16Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SRAM
AS5C4008
Austin Semiconductor, Inc.
AS5C4008
Rev. 5.5 12/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
ASI Case #502 (Package Designator ECJ)
MECHANICAL DEFINITION*
*All measurements are in inches.
A
A1
e
b
D
E
D1
L2
L
TYP
NOTE:
This package meets SMD 5962-95600, Case Outline U
dimensions in every aspect, except dimension E2.
A2
E2
MIN
MAX
A
0.115
0.160
A1
0.054
0.075
A2
0.025
0.063
b
0.012
0.028
D
0.815
0.835
D1
0.740
0.760
E
0.418
0.460
E2
0.371
0.440
e
L
0.050
0.070
L2
0.115
0.135
SYMBOL
ASI SPECIFICATIONS
0.050 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com