Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237400 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237400
Description  SACC-CI-M12FSD-4CON-SH TOR 32X - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237400 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237400 Datasheet HTML 1Page - PHOENIX CONTACT 1237400 Datasheet HTML 2Page - PHOENIX CONTACT 1237400 Datasheet HTML 3Page - PHOENIX CONTACT 1237400 Datasheet HTML 4Page - PHOENIX CONTACT 1237400 Datasheet HTML 5Page - PHOENIX CONTACT 1237400 Datasheet HTML 6Page - PHOENIX CONTACT 1237400 Datasheet HTML 7Page - PHOENIX CONTACT 1237400 Datasheet HTML 8Page - PHOENIX CONTACT 1237400 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Technical data
Notes
General
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
Product properties
Product type
Contact insert
Number of positions
4
Application
Signal
Seal present
yes
Shielded
yes
Coding
D
Thread type
M12
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Electrical properties
Rated surge voltage
2.5 kV
Contact resistance
≤ 3 mΩ
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
250 V
Nominal current IN
4 A
Connection data
Connection method
THR solder connection
Material specifications
Flammability rating according to UL 94
V0
Seal material
FKM
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA
Connector
Connection 1
Head design
Socket
Head cable outlet
straight
Head thread type
M12
SACC-CI-M12FSD-4CON-SH TOR 32X - Contact
carrier
1237400
https://www.phoenixcontact.com/us/products/1237400
Feb 13, 2024, 7:09 AM
Page 2 (16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com