Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237400 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237400
Description  SACC-CI-M12FSD-4CON-SH TOR 32X - Contact carrier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237400 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237400 Datasheet HTML 1Page - PHOENIX CONTACT 1237400 Datasheet HTML 2Page - PHOENIX CONTACT 1237400 Datasheet HTML 3Page - PHOENIX CONTACT 1237400 Datasheet HTML 4Page - PHOENIX CONTACT 1237400 Datasheet HTML 5Page - PHOENIX CONTACT 1237400 Datasheet HTML 6Page - PHOENIX CONTACT 1237400 Datasheet HTML 7Page - PHOENIX CONTACT 1237400 Datasheet HTML 8Page - PHOENIX CONTACT 1237400 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact carrier, 4-position, Socket, straight, M12, coding: D, PCB mounting, THR solder
connection, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Reduced mounting costs thanks to two-piece device connector
•
Packaging available for automated pick and place assembly
•
All common pin assignments and codings available
•
Easy device integration thanks to mechanical port screw connections with threaded attachment, press-in contour or direct integration in the front
plate
•
Additional gasket for the device when not plugged in
•
Commercial data
Item number
1237400
Packing unit
100 pc
Minimum order quantity
100 pc
Product key
ABQAGH
GTIN
4063151457471
Weight per piece (including packing)
6.8 g
Weight per piece (excluding packing)
6.238 g
Country of origin
DE
SACC-CI-M12FSD-4CON-SH TOR 32X - Contact
carrier
1237400
https://www.phoenixcontact.com/us/products/1237400
Feb 13, 2024, 7:09 AM
Page 1 (16)


Similar Part No. - 1237400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237402 PHOENIX-1237402 Datasheet
534Kb / 14P
SACC-CI-M12FSX-8CON-L180 TOR32X - Contact carrier
1237405 PHOENIX-1237405 Datasheet
340Kb / 9P
SACC-DSI-FSX-8CON-M16-L180 SCOX - Device connector, rear mounting
1237406 PHOENIX-1237406 Datasheet
239Kb / 7P
SACC-DSIV-FSD-4CON-L90 SCOX - Device connector rear mounting
1237409 PHOENIX-1237409 Datasheet
191Kb / 4P
SACC-M12-SCO NUT L 90X - Housing screw connection
More results

Similar Description - 1237400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1457500 PHOENIX-1457500 Datasheet
710Kb / 15P
SACC-CI-M12MS- 4CON-SH TOR 32 - Contact carrier
1418339 PHOENIX-1418339 Datasheet
579Kb / 13P
SACC-CI-M12MST-4CON-L180 TOR - Contact carrier
1418343 PHOENIX-1418343 Datasheet
581Kb / 13P
SACC-CI-M12MSS-4CON-L180 TOR PE - Contact carrier
1457610 PHOENIX-1457610 Datasheet
807Kb / 18P
SACC-CI-M12FS-4CON-TOR 32 - Contact carrier
1418341 PHOENIX-1418341 Datasheet
581Kb / 13P
SACC-CI-M12MST-4CON-L180 TOR SH - Contact carrier
1418342 PHOENIX-1418342 Datasheet
659Kb / 15P
SACC-CI-M12FST-4CON-L180 TOR SH - Contact carrier
1457490 PHOENIX-1457490 Datasheet
709Kb / 15P
SACC-CI-M12MS- 4CON-TOR 32 - Contact carrier
1239828 PHOENIX-1239828 Datasheet
520Kb / 12P
SACC-CI-M12MSD- 4CON-SH TOR 32X - Contact carrier
1239843 PHOENIX-1239843 Datasheet
627Kb / 15P
SACC-CI-M12FS-8CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com