Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYPAS213 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 11Page - Infineon Technologies AG CYPAS213 Datasheet HTML 12Page - Infineon Technologies AG CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG CYPAS213 Datasheet HTML 15Page - Infineon Technologies AG CYPAS213 Datasheet HTML 16Page - Infineon Technologies AG CYPAS213 Datasheet HTML 17Page - Infineon Technologies AG CYPAS213 Datasheet HTML 18Page - Infineon Technologies AG CYPAS213 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Datasheet
15
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Functional description
3.2
Fault protection
3.2.1
VBUS OVP, UVP, OCP, and SCP
VBUS undervoltage and overvoltage faults are monitored using internal VBUS_IN/VBUS_C resistor dividers. VBUS
overcurrent and short-circuit faults are monitored using internal current sense amplifiers. The fault thresholds
and response mechanisms are firmware configurable.
3.2.2
OTP
Over-temperature monitoring is done using an external thermistor and internal ADC. The thermistor can be
connected to any free GPIO. EZ-PD™ PAG2S-PS has integrated 8-bit SAR ADC, this is available for general purpose
analog to digital conversions. The fault thresholds and response mechanisms are firmware configurable.
3.2.3
ESD, CC OVP, and DP/DM OVP
EZ-PD™ PAG2S-PS offers ESD protection on all the pins. Further, the chip integrates protection against accidental
short of CC pins to high voltage VBUS_C rail and also protects against over-voltage on DP/DM pins.
3.3
Power modes
EZ-PD™ PAG2S-PS supports multiple power modes - Active, Sleep, and DeepSleep. Transitions between these
modes is handled by the application firmware depending on the operating conditions.
3.4
MCU subsystem
EZ-PD™ PAG2S-PS integrates a 32-bit Cortex®-M0+ MCU with 64KB flash, 8 KB SRAM, and 64 KB ROM. EZ-PD™
PAG2S-PS also supports 1x TCPWM and 2x ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com