Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYPAS213 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # CYPAS213
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button CYPAS213 Datasheet HTML 6Page - Infineon Technologies AG CYPAS213 Datasheet HTML 7Page - Infineon Technologies AG CYPAS213 Datasheet HTML 8Page - Infineon Technologies AG CYPAS213 Datasheet HTML 9Page - Infineon Technologies AG CYPAS213 Datasheet HTML 10Page - Infineon Technologies AG CYPAS213 Datasheet HTML 11Page - Infineon Technologies AG CYPAS213 Datasheet HTML 12Page - Infineon Technologies AG CYPAS213 Datasheet HTML 13Page - Infineon Technologies AG CYPAS213 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Datasheet
10
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Pinouts
2.2.6
CC1, CC2
CC1 and CC2 are the communication channels for the USB PD protocol. EZ-PD™ PAG2S-PS integrates a USB PD
transceiver consisting of a transmitter (TX) and receiver (RX) that communicate Biphase Mark Code (BMC)
encoded data over the Configuration Channel (CC) channels as per the USB PD standard. All communication is
half-duplex. The physical layer implements collision avoidance to minimize communication errors on the
channel. This block includes all termination resistors (Rp) and their switches as required by the USB PD
specification.
To support active cable applications, EZ-PD™ PAG2S-PS also integrates VCONN FETs to power CC lines. An
external 390-pF capacitor is required on both the CC1 and CC2 pins.
2.2.7
DP_GPIOx, DM_GPIOx
The DP and DM lines are the standard USB D+ and D– lines. EZ-PD™ PAG2S-PS integrates a charge detect block,
which handles legacy charging protocols such as BC 1.2, Quick Charge, Apple Charging, and Samsung AFC. This
block integrates all the terminations required for these charging protocols and no external components are
required. When legacy charging is not required in the system, the same DP and DM lines can be re-used as
standard GPIOs. Charger detect block also supports impedance detection on DP/DM lines.
2.2.8
GPIOx, XRES
EZ-PD™ PAG2S-PS has multiple GPIOs, out of which some are dedicated GPIOs and the rest are multiplexed with
other functionalities. These GPIOs support multiple drive modes and configurable threshold options. During
power-on and reset, the GPIOs are forced to the tristate so as not to crowbar any inputs and/or cause excess
turn-on current.
The XRES pin can be used to initiate a reset, this pin is internally pulled high and needs to be pulled low externally
to trigger a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com