Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1237405 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237405
Description  SACC-DSI-FSX-8CON-M16-L180 SCOX - Device connector, rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237405 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237405 Datasheet HTML 1Page - PHOENIX CONTACT 1237405 Datasheet HTML 2Page - PHOENIX CONTACT 1237405 Datasheet HTML 3Page - PHOENIX CONTACT 1237405 Datasheet HTML 4Page - PHOENIX CONTACT 1237405 Datasheet HTML 5Page - PHOENIX CONTACT 1237405 Datasheet HTML 6Page - PHOENIX CONTACT 1237405 Datasheet HTML 7Page - PHOENIX CONTACT 1237405 Datasheet HTML 8Page - PHOENIX CONTACT 1237405 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Notes
General
The electrical and mechanical data specified assumes that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of pollution, the connector
must be sealed using a protective cap >IP54. Influences arising
from litz wires, cables, or PCB mounting must also be taken into
consideration. Additional mechanical fixing of the PCB is
required.
General
Lock nut is included in the scope of delivery
Mounting
Mounting type
Rear mounting M16 x 1.5
Connection method
Solder pins
Product properties
Product type
Circular connectors (device side)
Sensor type
Ethernet
Number of positions
8
Shielded
yes
Coding
X
Thread type
M12
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Dimensions
6 mm
Length of the solder pin
6 mm
Material specifications
Material
Zinc die-cast (nickel-plated)
Flammability rating according to UL 94
V0
Seal material
FKM
Material of grip body
Zinc die-cast, nickel-plated
Contact material
CuZn
Contact surface material
gold-plated
Contact carrier material
PPA
Material for screw connection
Zinc die-cast, nickel-plated
Electrical properties
Rated surge voltage
0.8 kV
Contact resistance
≤ 3 mΩ
SACC-DSI-FSX-8CON-M16-L180 SCOX - Device
connector, rear mounting
1237405
https://www.phoenixcontact.com/us/products/1237405
Jan 15, 2024, 8:09 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com